Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5R30U Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST5R30U
Description  MICROPOWER VFM STEP-UP DC/DC CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5R30U Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST5R30U Datasheet HTML 7Page - STMicroelectronics ST5R30U Datasheet HTML 8Page - STMicroelectronics ST5R30U Datasheet HTML 9Page - STMicroelectronics ST5R30U Datasheet HTML 10Page - STMicroelectronics ST5R30U Datasheet HTML 11Page - STMicroelectronics ST5R30U Datasheet HTML 12Page - STMicroelectronics ST5R30U Datasheet HTML 13Page - STMicroelectronics ST5R30U Datasheet HTML 14Page - STMicroelectronics ST5R30U Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ST5R00 SERIES
11/15
DIODE SELECTION
A Schottky diode with an high switching speed and a very low Forward Voltage (VF) is needed. Higher VF
may cause lost power as heat in the diode, with a decrease of the Efficiency. Moreover, since the Output
Voltage pin is also used as the device Supply Voltage, the Start-up Voltage (see related plots) is strictly
due to the diode Forward Voltage at the rated Forward Current. A good diode choice is a STPS1L30A.
INPUT/OUTPUT CAPACITORS SELECTION
The Output Ripple Voltage, as well as the Efficiency, is strictly related to the behavior of these elements.
The output ripple voltage is the product of the peak inductor current and the output capacitor Equivalent
Series Resistance (ESR). Best performances are obtained with good high frequency characteristics
capacitors and low ESR. The best compromise for the value of the Output Capacitance is 47µF Tantalum
Capacitor, Lower values may cause higher Output Ripple Voltage and lower Efficiency without
compromising the functionality of the device.
An Input Capacitor is required to compensate, if present, the series impedance between the Supply
Voltage Source and the Input Voltage of the Application.
A value of 4.7µF is enough to guarantee stability for distances less than 2". It could be necessary
(depending on VIN, VOUT, IOUT values) to proportionally increase the input capacitor value up to 100µA for
major distances.
In any case we suggest to connect both capacitors, CIN and COUT, as close as possible to the device pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com