Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5R30U Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST5R30U
Description  MICROPOWER VFM STEP-UP DC/DC CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5R30U Datasheet(HTML) 3 Page - STMicroelectronics

  ST5R30U Datasheet HTML 1Page - STMicroelectronics ST5R30U Datasheet HTML 2Page - STMicroelectronics ST5R30U Datasheet HTML 3Page - STMicroelectronics ST5R30U Datasheet HTML 4Page - STMicroelectronics ST5R30U Datasheet HTML 5Page - STMicroelectronics ST5R30U Datasheet HTML 6Page - STMicroelectronics ST5R30U Datasheet HTML 7Page - STMicroelectronics ST5R30U Datasheet HTML 8Page - STMicroelectronics ST5R30U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ST5R00 SERIES
3/15
OPERATION
The ST5Rxx architecture is built around a VFM CONTROL logic core: switching frequency is set through
a built in oscillator: TON time is fixed (Typ. 5ms) while TOFF time is determined by the error amplifier
output, a logic signal coming from the comparison made by the Error Amplifier Stage between the signal
coming from the output voltage divider network and the internal Band-Gap voltage reference (Vref). TOFF
reaches a minimum (Typ. 1.7ms) when heavy load conditions are met (Clock frequency 150KHz). An over
current conditions, through the internal power switch, causes a voltage drop VLX=RDSONxISW and the VLX
limiter block forces the internal switch to be off, so narrowing TON time and limiting internal power
dissipation. In this case the switching frequency may be higher than the 150KHz set by the internal clock
generator.
VFM control ensures very low quiescent current and high conversion efficiency even with very light loads.
Since the Output Voltage pin is also used as the device Supply Voltage, the versions with higher output
voltage present an higher internal supply voltage that results in lower power switch RDSON, slightly greater
output power and higher efficiency. Moreover, bootstrapping allows the input voltage to sag to 0.6V (at
IOUT=1mA) once the system is started.
If the input voltage exceeds the output voltage, the output will follow the input, however, the input or output
voltage must not be forced above 5.5V.
Figure 3: Typical Application Circuit
(*) See application info.
Figure 4: Typical Application Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com