Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T18C Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST62T18C
Description  8-BIT MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, UART, OSG, SAFE RESET AND 20-PIN PACKAGE
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T18C Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST62T18C Datasheet HTML 49Page - STMicroelectronics ST62T18C Datasheet HTML 50Page - STMicroelectronics ST62T18C Datasheet HTML 51Page - STMicroelectronics ST62T18C Datasheet HTML 52Page - STMicroelectronics ST62T18C Datasheet HTML 53Page - STMicroelectronics ST62T18C Datasheet HTML 54Page - STMicroelectronics ST62T18C Datasheet HTML 55Page - STMicroelectronics ST62T18C Datasheet HTML 56Page - STMicroelectronics ST62T18C Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
53/82
ST62T18C/E18C
4.5 U. A. R. T. (Universal Asynchronous Receiver/Transmitter)
The UART provides the basic hardware for asyn-
chronous serial communication which, combined
with an appropriate software routine, gives a serial
interface providing communication with common
baud rates (up to 76,800 Baud with an 8MHz ex-
ternal oscillator) and flexible character formats.
Operating in Half-Duplex mode only, the UART
uses a 10-bit frame or a 11-bit frame according to
the choosen MCU option. Automatic parity bit gen-
eration is software selectable in the 10-bit charac-
ter format allowing either 7 data bit + 1 parity bit, or
8 data bit transmission. Transmitted data is sent di-
rectly, while received data is buffered allowing fur-
ther data characters to be received while the data
is being read out of the receive buffer register. Data
transmit has priority over data being received.
The UART is supplied with an MCU internal clock
that isalso available in WAIT mode of the processor.
4.5.1 Ports Interfacing
RXD reception line and TXD emission line are
sharing the same external pins as two I/O lines.
Therefore, UART configuration requires to set
these two I/O lines through the relevant ports reg-
isters. The I/O line common with RXD line must be
defined as input mode (with or without pull-up)
while the I/O line common with TXD line must be
defined as output mode (Push-pull or open drain).
In the 11-bit character format option, the transmit-
ted data is inverted and can therefore use a single
transistor buffering stage. Defined as input, the
RXD line can be read at any time as an I/O line
during the UART operation. The TXD pin follows I/
O port registers value when UARTOE bit is
cleared, which means when no serial transmission
is in progress. As a consequence, a permanent
high level has to be written onto the I/O port in or-
der to achieve a proper stop condition on the TXD
line when no transmission is active.
Figure 30. UART Block Diagram
START
DETECTOR
DATA SHIFT
REGISTER
D8 D7 D6 D5 D4 D3 D2 D1 D0
CONTROL REGIST ER
BAUD RATE
RECEIV E BUFFER
REGISTER
PROGRAMMABLE
DIVIDE R
DIN
DOUT
D8
BAUD RATE x 8
WRIT E
READ
RXD1
TXD1
UARTOE
RX and TX
INTE RRUPTS
TXD
DR
0
MUX
1
fOSC
VR02009
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com