Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T18C Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST62T18C
Description  8-BIT MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, UART, OSG, SAFE RESET AND 20-PIN PACKAGE
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T18C Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST62T18C Datasheet HTML 52Page - STMicroelectronics ST62T18C Datasheet HTML 53Page - STMicroelectronics ST62T18C Datasheet HTML 54Page - STMicroelectronics ST62T18C Datasheet HTML 55Page - STMicroelectronics ST62T18C Datasheet HTML 56Page - STMicroelectronics ST62T18C Datasheet HTML 57Page - STMicroelectronics ST62T18C Datasheet HTML 58Page - STMicroelectronics ST62T18C Datasheet HTML 59Page - STMicroelectronics ST62T18C Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 82 page
background image
56/82
ST62T18C/E18C
U. A. R. T (Cont’d)
UART Control Register (UARTCR)
Address: D7h, Read/Write
Bit 7 = RXRDY.
Receiver Ready. This flag be-
comes active as soon as a complete byte has
been received and copied into the receive buffer. It
may be cleared by writing a zero to it. Writing a
one is possible. If the interrupt enable bit RXIEN is
set to one, a software interrupt will be generated.
Bit 6 = TXMT.
Transmitter Empty. This flag be-
comes active as soon as a complete byte has
been sent. It may be cleared by writing a zero to it.
It is automatically cleared by the action of writing a
data value into the UART data register.
Bit 5 = RXIEN.
Receive Interrupt Enable. When
this bit is set to 1, the receive interrupt is enabled.
Writing to RXIEN does not affect the status of the
interrupt flag RXRDY.
Bit 4 = TXIEN.
Transmit Interrupt Enable. When
this bit is set to 1, the transmit interrupt is enabled.
Writing to TXIEN does not affect the status of the
interrupt flag TXRDY.
Bit 3-1= BR2..BR0.
Baudrate select. These bits
select the operating baud rate of the UART, de-
pending on the frequency of fOSC. Care should be
taken not to change these bits during communica-
tion as writing to these bits has an immediate ef-
fect.
Bit 0 = PTYEN.
Parity/Data Bit 8. The function of
this bit depens on the MCU option set. In 11-bit
frame mode, it is the 9th bit of the trasmitted/re-
ceived character. In 10-bit frame mode, writing a 1
enables the automatic even parity computation,
while a read instruction after reception gives the
parity of the whole 8 bit word received. For the
even parity, a 0 value means no parity error.
Note: As the PTYEN bit is modified in reception, it
must be to set to 1 before transmission if a recep-
tion occured in between.
70
RXRDY TXMT RXIEN TXIE N
BR2
BR1
BR0
PTYEN
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com