Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T18C Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST62T18C
Description  8-BIT MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, UART, OSG, SAFE RESET AND 20-PIN PACKAGE
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T18C Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST62T18C Datasheet HTML 50Page - STMicroelectronics ST62T18C Datasheet HTML 51Page - STMicroelectronics ST62T18C Datasheet HTML 52Page - STMicroelectronics ST62T18C Datasheet HTML 53Page - STMicroelectronics ST62T18C Datasheet HTML 54Page - STMicroelectronics ST62T18C Datasheet HTML 55Page - STMicroelectronics ST62T18C Datasheet HTML 56Page - STMicroelectronics ST62T18C Datasheet HTML 57Page - STMicroelectronics ST62T18C Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 82 page
background image
54/82
ST62T18C/E18C
U. A. R. T (Cont’d)
4.5.2 Clock Generation
The UART contains a built-in divider of the MCU
internal clock for most common Baud Rates as
shown in Table 19. Other baud rate values can be
calculated from the chosen oscillator frequency di-
vided by the Divisor value shown.
The divided clock provides a frequency that is 8
times the desired baud rate. This allows the Data
reception mechanism to provide a 2 to 1 majority
voting system to determine the logic state of the
asynchronous incoming serial logic bit by taking 3
timed samples within the 8 time states.
The bits not sampled provide a buffer to compen-
sate for frequency offsets between sender and re-
ceiver.
4.5.3 Data Transmission
Whatever the format selected as MCU option, 10-
bit or 11-bit frame, the start and stop bit are auto-
matically generated by the UART. Only the re-
maining 8 (Resp. 9) bit in the 10-bit (Resp. 11-bit)
frame are under control of the user.
Transmission is started by writing the Data Regis-
ter, after having previously set the transmission
software options, the baudrate and the parity ena-
ble. In case of 11-bit frame, the 9th bit must then
be set before into the LSB of the UART Control
Register. Bit 9 remains in the state programmed
for consecutive transmissions until changed by the
user or until a character is received when the state
of this bit is changed to that of the incoming bit 9.
The UARTOE signal switches the output multi-
plexer to the UART output and a start bit is sent (a
0 for one bit time) followed by the data bit with the
LSB D0 at first.. The output is then set to 1 for a
period of one bit time to generate a Stop bit, and
then the UARTOE signal returns the TXD1 line to
its alternate I/O function. The end of transmission
is flagged by setting TXMT to 1 and an interrupt is
generated if enabled. The TXMT flag is reset by
writing a 0 to the bit position, it is also cleared au-
tomatically when a new character is written to the
Data Register. TXMT can be set to 1 by software
to generate a software interrupt so care must be
taken in manipulating the Control Register.
4.5.3.1 Character Format
Once the MCU option is set as 10-bit or 11-bit
frame, the frame length is fixed. Within these 8 or 9
remaining bit, any format can be used as shown in
the Table 18. Only the even parity automatic com-
putation in the 10-bit frame is available. Any other
parity bit can however be software computed and
processed as a data bit
Table 18. Character Options
Figure 31. 11-bit Character Format Example
Figure 32. UART Data Output
10 bit frame
Start Bit
8 Data
No Parity
1 Stop
Start Bit
7 Data
1 Even Parity (Auto)
1 Stop
Start Bit
7 Data
1 Software Parity
1 Stop
11 bit frame
Start Bit
8 Data
1 Software Parity
1 Stop
Start Bit
9 Data
No Parity
1 Stop
Start Bit
8 Data
No Parity
2 Stop
Start Bit
7 Data
1 Software Parity
2 Stop
VR02012
POSITION
1
28
10
BIT
BIT
START
STOP
BIT
POSSIBLE
NEXT
CHARACTER
START
D0 D1
D7 D8
START OF DATA
9
TXD1
TXD
PORT DATA
0
MUX
1
OUTPU T
UARTOE
VR02011
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com