Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSRL9827SC Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSRL9827SC
Description  Single Output Up to 150 Watts AC/DC Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL9827SC Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSRL9827SC Datasheet HTML 1Page - Wall Industries,Inc. PSRL9827SC Datasheet HTML 2Page - Wall Industries,Inc. PSRL9827SC Datasheet HTML 3Page - Wall Industries,Inc. PSRL9827SC Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL9827 Series
Single Output
Up to 150 Watts
AC/DC Switching Power Supply
SPECIFICATIONS (CONTINUED)
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0°C to +70°C ambient, derating at 2.5% per degree from 50°C to 70°C.
Storage Temperature
-20°C to +85°C
Operating Humidity
5% to 90% RH, non-condensing
Storage Humidity
5% to 95% RH, non-condensing
Vibration
5 ~ 50Hz, acceleration 7.35 m/(s x s) on X, Y, and Z axis.
Cooling
PSRL9827S Series: 150W max with 16CFM forced airflow or 100W max under convection cooling.
PSRL9827F Series: 150W max. under top built-in fan flow.
Fan Drive
12VDC/300mA is available to drive an external fan.
MTBF
100,000 hours (according to MIL-HBK-217F) at 30°C.
PHYSICAL SPECIFICATIONS
Weight
PSRL9827S Series (U-Chassis type): 400 grams
PSRL9827F Series (Enclosed with top built-in fan type): 500 grams
Dimensions
PSRL9827S Series (U-Chassis Type): 5(L) x 3.2(W) x 1.5(H) inches
PSRL9827F Series (Enclosed Type with top built-in fan): 5(L) x 3.2(W) x 2(H) inches
Warranty
2 years
SAFETY
EMC Standards
CISPR 22 / EN55022 class B, EN61000-3-2,3, EN61000-4-2,3,4,5,6,8,11, EN55024 CE Marked (LVD).
Safety Regulations
Approved to UL60950-1, CSA C22.2 No. 60950-1, TUV EN60950-1, and CB certificate available.
OUTPUT VOLTAGE / CURRENT RATING CHART
Output Current
Model
Output Voltage
Range
Preset
Voltage
Type S
(Convection)
Type S (with forced air)
& Type F
Regulation
Ripple &
Noise
PSRL9827SA (PSRL9827FA)
3 – 4 VDC
3.3 VDC
20A
30A
±1%
50mV
PSRL9827SB (PSRL9827FB)
5 – 6 VDC
5 VDC
20A
30A
±1%
50mV
PSRL9827SC (PSRL9827FC)
12 – 16 VDC
12 VDC
8.33A
12.5A
±1%
±1%
PSRL9827SD (PSRL9827FD)
24 – 30 VDC
24 VDC
4.167A
6.25A
±1%
±1%
PSRL9827SE (PSRL9827FE)
35 – 56 VDC
48 VDC
2.083A
3.125A
±1%
±1%
PSRL9827S18 (PSRL9827F18)
17 – 23 VDC
18 VDC
5.556A
8.333A
±1%
±1%
NOTES
1. The output voltage is specified as a range (Ex: 17 – 23 VDC); the customer must specify what they would like the output
voltage set at otherwise it will be the preset voltage.
2. PSRL9827Fx Series, identical to PSRL9827Sx except with cover and DC fan installed.
3. PSRL9827S Series: 150W max. with 16CFM forced air flow offering; 100W max. under air convection. (Option: Top Cover
Type A or B)
4. PSRL9827F Series: 150W max. with Top built-in Fan flow.
5. Providing peak power to 600W within 500uS for all models, longer duty duration need contact manufacturer.
6. Ripple and noise is measured from 10KHZ to 20MHz bandwidth at output with parallel 0.1uF ceramic and 22uF electrolytic
capacitors.
7. 1% minimum load is required to maintain the ripple and regulation.
8. Output is fully isolated.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com