Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSRL9827SC Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSRL9827SC
Description  Single Output Up to 150 Watts AC/DC Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL9827SC Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSRL9827SC Datasheet HTML 1Page - Wall Industries,Inc. PSRL9827SC Datasheet HTML 2Page - Wall Industries,Inc. PSRL9827SC Datasheet HTML 3Page - Wall Industries,Inc. PSRL9827SC Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL9827 Series
Single Output
Up to 150 Watts
AC/DC Switching Power Supply
FEATURES
● 2 Year Warranty
● AC Input Range Auto-Selectable
● Approved to UL CUL TUV CB and CE
● Optional Top Covers (Type A or B) Available
● Power Factor Corrected to EN61000-3-2 Class A
● Providing Peak Power 600W within 500uS Duty Duration
● Compact 1U Height & High Power Density: 6.25 Watts/cu in
● U-Chassis & Enclosed with Built-in Fan Mechanical Options
SPECIFICATIONS: PSRL9827 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage
90 - 132 / 180 - 264vac, Auto-Selectable.
Input Frequency
47 to 63Hz
Input Current
4 / 2A at 115 / 230 VAC.
Inrush Current
Max. 70A @ 230VAC and 35A @ 115VAC; cold start.
Leakage Current
1.5mA @ 240VAC.
Remote On/Off
Designated as RMSW on the CN1, requires a low signal to inhibit output; Hiccough mode.
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power Range
150 Watts max with airflow. (See Notes 3 and 4)
Output Adjustability
Output user adjustable ±5% minimum.
Total Regulation
±1%
Output Current
See Table
Ripple & Noise (peak to peak)
See Table
Transient Response
Output voltage returns to within 1% in less than 2.5ms for a 50% load change, peak does not excess 5%.
Hold-Up Time
20ms min. at 80% of full load.
Overshoot
Turn on-off overshoot < 5% over nominal voltage.
Turn On Delay
1 second maximum at 120VAC.
PROTECTION
Over Voltage Protection
Unit latching down when output exceeds 130% and recycle AC input to reset.
Short Circuit Protection
Trip without damage and auto-recovery.
Over-Temperature Protection
Unit protected of excessive operating ambient 85°C, and automatic recovery.
Over Power Protection
Fold back mode 110-140%; auto-recovery.
Input Fusing Protection
One T4A/250V fuse inserted in primary.
GENERAL SPECIFICATIONS
Switching Frequency
25KHz fixed frequency.
Efficiency
70% for 3.3V, 75% for 5V, 80% for 12V, and 83% min. for other outputs (Measuring at 230VAC and full load).
Withstand Voltage
1500 VAC input line to chassis (10mA cut off current), 3000VAC primary to secondary, and 1500VAC primary
to core. All for 3 sec.
Burn In
45 ±5°C for one hour @ 230VAC with full load.
PFC
Power factor corrected to EN61000-3-2 Class A.
Power Good
Designated as PG on the CN1 will go high 100-500ms after regulation and goes low 1ms before loss of
regulation.
Power Supply On
Green LED designated as LED1 on the PCB.
Grounding Test
Apply 25A from ground pin of the three prong plug to the far most earth. Max. allowable resistance is 0.1 ohm.
PSRL9827S Series: 5(L) x 3.2(W) x 1.5(H) inches
PSRL9827F Series: 5(L) x 3.2(W) x 2(H) inches


Similar Part No. - PSRL9827SC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL9802OS WALL-PSRL9802OS Datasheet
183Kb / 3P
200 Watt Single Output N 1 Parallel Redundancy AC/DC Switching Power Supply
PSRL9802OS36 WALL-PSRL9802OS36 Datasheet
183Kb / 3P
200 Watt Single Output N 1 Parallel Redundancy AC/DC Switching Power Supply
PSRL9802OSA WALL-PSRL9802OSA Datasheet
183Kb / 3P
200 Watt Single Output N 1 Parallel Redundancy AC/DC Switching Power Supply
PSRL9802OSB WALL-PSRL9802OSB Datasheet
183Kb / 3P
200 Watt Single Output N 1 Parallel Redundancy AC/DC Switching Power Supply
PSRL9802OSC WALL-PSRL9802OSC Datasheet
183Kb / 3P
200 Watt Single Output N 1 Parallel Redundancy AC/DC Switching Power Supply
More results

Similar Description - PSRL9827SC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMPS30 WALL-PSMPS30 Datasheet
168Kb / 3P
Single Output Up to 30 Watts AC/DC Medical Power Supply
PSMPS65 WALL-PSMPS65 Datasheet
169Kb / 3P
Single Output Up to 65 Watts AC/DC Medical Power Supply
PSPS25 WALL-PSPS25 Datasheet
184Kb / 3P
Single Output Up to 25 Watts AC/DC Power Supply
PSPS45 WALL-PSPS45 Datasheet
183Kb / 3P
Single Output Up to 48 Watts AC/DC Power Supply
PSPS65 WALL-PSPS65 Datasheet
183Kb / 3P
Single Output Up to 65 Watts AC/DC Power Supply
PSRL0601 WALL-PSRL0601 Datasheet
367Kb / 5P
Single Output Up to 320 Watts AC/DC Switching Power Supply
PSRL0603 WALL-PSRL0603 Datasheet
380Kb / 5P
Single Output Up to 250 Watts AC/DC Switching Power Supply
PSRL0603D WALL-PSRL0603D Datasheet
406Kb / 5P
Dual Output Up to 250 Watts AC/DC Switching Power Supply
DTIPU30 WALL-DTIPU30 Datasheet
144Kb / 2P
Single Output Up to 30 Watts AC/DC Desktop Power Supply
logo
ETA-USA
ESS150 ETA-USA-ESS150 Datasheet
3Mb / 6P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 150 WATTS UNIVERSAL INPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com