Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSRL9827SC Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSRL9827SC
Description  Single Output Up to 150 Watts AC/DC Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL9827SC Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSRL9827SC Datasheet HTML 1Page - Wall Industries,Inc. PSRL9827SC Datasheet HTML 2Page - Wall Industries,Inc. PSRL9827SC Datasheet HTML 3Page - Wall Industries,Inc. PSRL9827SC Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL9827 Series
Single Output
Up to 150 Watts
AC/DC Switching Power Supply
MECHANICAL DRAWINGS
PSRL9827S Series (U-Chassis Type): 5(L) x 3.2(W) x 1.5(H) inches; Weight: 400g
PSRL9827S Series (U-Chassis with Type A Cover): 5(L) x 3.2(W) x 1.56(H) inches; Weight: 420g



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com