Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6375 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST6375
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6375 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST6375 Datasheet HTML 24Page - STMicroelectronics ST6375 Datasheet HTML 25Page - STMicroelectronics ST6375 Datasheet HTML 26Page - STMicroelectronics ST6375 Datasheet HTML 27Page - STMicroelectronics ST6375 Datasheet HTML 28Page - STMicroelectronics ST6375 Datasheet HTML 29Page - STMicroelectronics ST6375 Datasheet HTML 30Page - STMicroelectronics ST6375 Datasheet HTML 31Page - STMicroelectronics ST6375 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
28/84
ST6365, ST6375, ST6385 ST6367, ST6377, ST6387
I/O PORTS (Cont’d)
4.1.1 Details of I/O Ports
When programmed as an input a pull-up resistor (if
available) can be switched active under program
control. When programmed as an output the I/O
port will operate either in the push-pull mode or the
open-drain mode according to the hardware fixed
configuration as specified below.
Port A. PA0-PA3 are available as push-pull when
outputs. PA4-PA7 are available as open-drain (no
push-pull programmability) capable of withstand-
ing 12V (no resistive pull-up in input mode). PA6-
PA7 has been specially designed for higher driving
capability and are able to sink 25mA with a maxi-
mum VOL of 1V.
Port B. All lines are configured as push-pull when
outputs.
Port C. PC0-PC3 are available as open-drain ca-
pable of withstanding a maximum VDD+0.3V.
PC4-PC7 are avail-able as open-drain capable of
withstanding 12V (no resistive pull-up in input
mode). Some lines are also used as I/O buffers for
signals coming from the on-chip SPI.
In this case the final signal on the output pin is
equivalent to a wired AND with the programmed
data output.
If the user needs to use the serial peripheral, the I/
O line should be set in output mode while the
open-drain configuration is hardware fixed; the
corresponding data bit must set to one. If the
latched
interrupt
functions
are
used
(IRIN,
PWRIN) then the corresponding pins should be
set to input mode.
On ST638x the I/O pins with double or special
functions are:
– PC0/SCL (connected to the SPI clock signal)
– PC1/SDA (connected to the SPI data signal)
– PC3/SEN (connected to the SPI enable signal)
– PC4/PWRIN (connected to the PWRIN interrupt
latch)
– PC6/IRIN (connected to the IRIN interrupt latch)
All the Port A,B and C I/O lines have Schmitt-trig-
ger input configuration with a typical hysteresis of
1V.
Table 8. I/O Port Options Selection (Ports A and B only)
Note X: Means don’t care.
DDR
DR
Mode
Option
0
0
Input
With on-chip pull-up resistor
0
1
Input
Without on-chip pull-up resistor
1
X
Output
Output open-drain or push-pull



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com