Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6375 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST6375
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6375 Datasheet(HTML) 1 Page - STMicroelectronics

  ST6375 Datasheet HTML 1Page - STMicroelectronics ST6375 Datasheet HTML 2Page - STMicroelectronics ST6375 Datasheet HTML 3Page - STMicroelectronics ST6375 Datasheet HTML 4Page - STMicroelectronics ST6375 Datasheet HTML 5Page - STMicroelectronics ST6375 Datasheet HTML 6Page - STMicroelectronics ST6375 Datasheet HTML 7Page - STMicroelectronics ST6375 Datasheet HTML 8Page - STMicroelectronics ST6375 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
December 1997
1/84
This is preliminary information on a new product in development or undergoing evaluation. Details are subject to change without notice.
R
Rev. 2.2
ST6365,ST6375,ST6385
ST6367,ST6377,ST6387
8-BIT MCUs WITH
ON-SCREEN-DISPLAY FOR TV TUNING
s
4.5 to 6V supply operating range
s
8MHz Maximum Clock Frequency
s
User Program ROM: up to 20140 bytes
s
Reserved Test ROM: up to 340 bytes
s
Data ROM: user selectable size
s
Data RAM: 256 bytes
s
Data EEPROM: 384 bytes
s
42-Pin Shrink Dual in Line Plastic Package
s
Up to 22 software programmable general
purpose Inputs/Outputs, including 2 direct LED
driving Outputs
s
Two Timers each including an 8-bit counter with
a 7-bit programmable prescaler
s
Digital Watchdog Function
s
Serial Peripheral Interface (SPI) supporting S-
BUS/ I 2 C BUS and standard serial protocols
s
SPI for external frequency synthesis tuning
s
14 bit counter for voltage synthesis tuning
s
Up to Six 6-Bit PWM D/A Converters
s
AFC A/D converter with 0.5V resolution
s
Five interrupt vectors (IRIN/NMI, Timer 1 & 2,
VSYNC, PWR INT.)
s
On-chip clock oscillator
s
5 Lines by 15 Characters On-Screen Display
Generator with 128 Characters
s
All ROM types are supported by pin-to-pin
EPROM and OTP versions.
s
The development tool of the ST6365, ST6375,
ST6385, ST6367, ST6377, ST6387 microcon-
trollers consists of the ST638X-EMU2 emula-
tion and development system to be connected
via a standard RS232 serial line to an MS-DOS
Personal Computer.
DEVICE SUMMARY
DEVICE
ROM
(Bytes)
D/A Converter
ST6365
8K
4
ST6367
8K
6
ST6375
14K
4
ST6377
14K
6
ST6385
20K
4
ST6387
20K
6
PSDIP42
(Refer to end of Document for Ordering Information)
1


Similar Part No. - ST6375

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6373 STMICROELECTRONICS-ST6373 Datasheet
462Kb / 64P
8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS
Feb-1998
ST6373J2B1 STMICROELECTRONICS-ST6373J2B1 Datasheet
462Kb / 64P
8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS
Feb-1998
ST6373J3B1 STMICROELECTRONICS-ST6373J3B1 Datasheet
462Kb / 64P
8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS
Feb-1998
ST6373J5B1 STMICROELECTRONICS-ST6373J5B1 Datasheet
462Kb / 64P
8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS
Feb-1998
More results

Similar Description - ST6375

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5288 PHILIPS-SAA5288 Datasheet
508Kb / 48P
TV microcontroller with full screen On Screen Display OSD
1997 Jun 24
logo
STMicroelectronics
ST63140 STMICROELECTRONICS-ST63140 Datasheet
715Kb / 86P
8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
Oct-1993
ST6391 STMICROELECTRONICS-ST6391 Datasheet
560Kb / 68P
8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
Oct-1993
STV5730 STMICROELECTRONICS-STV5730 Datasheet
332Kb / 19P
MULTISTANDARD ON-SCREEN DISPLAY FOR VCR, PAY-TV, SATELLITE RECEIVER
Oct-1994
logo
Sanyo Semicon Device
LA7696 SANYO-LA7696 Datasheet
146Kb / 6P
Color TV ON-Screen Display Interface
logo
NXP Semiconductors
SAA5520 PHILIPS-SAA5520 Datasheet
340Kb / 80P
Standard TV Microcontrollers with On-Screen Display(OSD)
1999 Oct 27
SAA567X PHILIPS-SAA567X Datasheet
532Kb / 116P
Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
logo
STMicroelectronics
ST6380 STMICROELECTRONICS-ST6380 Datasheet
718Kb / 82P
8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
Oct-2003
ST63P06 STMICROELECTRONICS-ST63P06 Datasheet
329Kb / 7P
8-BIT HCMOS PIGGYBACK MCUs FOR TV APPLICATIONS
logo
NXP Semiconductors
SAA56XX PHILIPS-SAA56XX Datasheet
450Kb / 112P
Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com