Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6373 Datasheet (PDF) - STMicroelectronics

ST6373 Datasheet PDF - STMicroelectronics
Part # ST6373
Download  ST6373 Download
File Size   462.22 Kbytes
Page   64 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS

ST6373 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST6373 Datasheet PDF - STMicroelectronics

Part # ST6373
Download  ST6373 Click to download

File Size   462.22 Kbytes
Page   64 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS

ST6373 Datasheet (HTML) - STMicroelectronics


ST6373 Product details

INTRODUCTION
ST6373 Microcontrollers are members of the 8-bit HCMOS ST637x family, a series of devices specially intended for Digitally Controlled Multi Frequency Monitor applications. All ST637x devices are based on a building block approach: a common core is surrounded by a combination of onchip peripherals (macrocells) available from a standard library.

■ 4.5V to 6V Operating Supply Voltage Range
■ Low Current Consumption
■ 0 to +70°C Operating Temperature Range
■ 8 MHz clock Oscillator
■ 16K bytes ROM/OTP/EPROM (8K and 12K ROM versions also available)
■ 192 bytes RAM
■ 384 bytes general purpose EEPROM
■ 128 bytes dedicated EEPROM for DDC SPI
■ 22 fully programmable I/O pins, offering direct LED drive capability, as well as interrupt generation for keyboard inputs
■ Digital WATCHDOG timer
■ Three Timers, each comprising an 8-bit counter and a 7- bit Prescaler
■ SYNC Processor:
   – 12-bits HSYNC Event Counter
   – 12-bits VSYNC Period Counter
   – HSYNC and VSYNC Polarity Detection
   – HSYNC and VSYNC Outputs
   – HFLYBACK and VFLYBACK Inputs
   – CLAMP and BLANK Outputs
■ 14-bit (PWM + BRM) D/A Converter
■ Nine 7-bit PWM D/A Converter Outputs
■ 8-bit A/D Converter with 8 multiplexed inputs
■ DDC SPI with interrupt and 4 operating modes
■ A further SPI with interrupt and 2 operating modes
■ Remote Control Signal Input (Non Maskable Interrupt)
■ VSYNC Interrupt Input
■ Five Interrupt Vectors
■ XOR Register (Instruction Set expansion)
■ MIRROR Register (Instruction Set expansion)




Similar Part No. - ST6373

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6375 STMICROELECTRONICS-ST6375 Datasheet
861Kb / 84P
8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
Rev. 2.2
ST6377 STMICROELECTRONICS-ST6377 Datasheet
861Kb / 84P
8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
Rev. 2.2
More results


Similar Description - ST6373

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62T10 STMICROELECTRONICS-ST62T10 Datasheet
4Mb / 67P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER
Oct-1996
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Holtek Semiconductor In...
HT27C020 HOLTEK-HT27C020 Datasheet
286Kb / 11P
OTP CMOS 256Kx 8-Bit EPROM
10th May 99
HT27C512 HOLTEK-HT27C512 Datasheet
257Kb / 10P
OTP CMOS 64Kx 8-Bit EPROM
6th May 99
HT27LC512 HOLTEK-HT27LC512 Datasheet
258Kb / 10P
OTP CMOS 64Kx 8-Bit EPROM
6th May 99
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
CMOS 512K 8-Bit OTP EPROM
December 8, 2003
logo
STMicroelectronics
ST72371 STMICROELECTRONICS-ST72371 Datasheet
636Kb / 94P
8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
Mar-1998
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
EPROM/ROM-Based 8-Bit Microcontroller
logo
SHENZHEN FUMAN ELECTRON...
TC8P53 FUMAN-TC8P53 Datasheet
1Mb / 29P
8-bit OTP ROM microcontroller
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
8-bit OTP ROM microcontroller
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com