Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6373 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST6373
Description  8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6373 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST6373 Datasheet HTML 4Page - STMicroelectronics ST6373 Datasheet HTML 5Page - STMicroelectronics ST6373 Datasheet HTML 6Page - STMicroelectronics ST6373 Datasheet HTML 7Page - STMicroelectronics ST6373 Datasheet HTML 8Page - STMicroelectronics ST6373 Datasheet HTML 9Page - STMicroelectronics ST6373 Datasheet HTML 10Page - STMicroelectronics ST6373 Datasheet HTML 11Page - STMicroelectronics ST6373 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
ST6373
8/64
1.3 MEMORY SPACES
The MCU operates in three different memory
spaces: Stack Space, Program Space and Data
Space.
1.3.1 Stack Space
The stack space consists of six 12 bit registers that
are used for stacking subroutine and interrupt re-
turn addresses plus the current program counter
register.
1.3.2 Program Space
The program space is physically implemented in
the ROM and includes all the instructions that are
to be executed, as well as the data required for the
immediate addressing mode instructions, the re-
served test area and user vectors. It is addressed
thanks to the 12-bit Program Counter register (PC
register) and the ST6 Core can directly address up
to 4K bytes of Program Space. Nevertheless, the
Program Space can be extended by the addition
of 2-Kbyte memory banks as it is shown inFigure
2, in which the 16K bytes memory is described.
These banks are addressed by pointing to the
000h-7FFh locations of the Program Space thanks
to the Program Counter, and by writing the appro-
priate code in the Program ROM Page Register
(PRPR) located at address CAh in the Data
Space. Because interrupts and common subrour-
outines should be available all the time only the
lower 2K byte of the 4K program space are bank
switched while the upper 2K byte can be seen as
static space. Table 3 gives the different codes that
allows the selection of the corresponding banks.
Note that, from the memory point of view, the Page
1 and the Static Page represent the same physical
memory: it is only a different way of addressing the
same location.
Figure 3. 16K-Byte Program Space Addressing
Figure 4. Memory Addressing Diagram
Program
counter
space
0FFFh
0800h
07FFh
0000h
0000h
Static
Page
Page 1
Page 0
Page1
Static
Page
Page
23
45
6
7
Page Page Page Page Page
1FFFh
PROGRAM SPACE
ROM
INTE RRUPT &
RESET VECTORS
ACCUMULATOR
DATA RAM
BANK SELECT
DATA ROM
WINDOW SELECT
RAM
X REGISTER
Y REGISTER
V REGISTER
W REGIS TER
DATA ROM
WIND OW
RAM / EEPROM
BANKING AREA
000h
03Fh
040h
07Fh
080h
081h
082h
083h
084h
0C0h
0FFh
0-63
DATA SPACE
0000h
0FF0h
0FFFh
PROGRAM COUNTER
STACK LEVEL 1
STACK LEVEL 2
STACK LEVEL 3
STACK LEVEL 4
STACK LEVEL 5
STACK LEVEL 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com