Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6373 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST6373
Description  8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6373 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST6373 Datasheet HTML 11Page - STMicroelectronics ST6373 Datasheet HTML 12Page - STMicroelectronics ST6373 Datasheet HTML 13Page - STMicroelectronics ST6373 Datasheet HTML 14Page - STMicroelectronics ST6373 Datasheet HTML 15Page - STMicroelectronics ST6373 Datasheet HTML 16Page - STMicroelectronics ST6373 Datasheet HTML 17Page - STMicroelectronics ST6373 Datasheet HTML 18Page - STMicroelectronics ST6373 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
ST6373
15/64
1.4 MEMORY PROGRAMMING
1.4.1 Program Memory
The ST6373 OTP and EPROM MCUs can be pro-
grammed with a range of EPROM programming
tools available from SGS-THOMSON.
EPROM/OTP programming mode is set by a
+12.5V voltage applied to the TEST/VPP pin. The
programming flow is described in the User Manual
of the EPROM Programming Tool.
1.4.2 Option Byte
The Option Byte allows OTP and EPROM ver-
sions to be configured to offer the same features
available as mask options in ROM devices. The
Option Byte’s content is automatically read, and
the selected options enabled on Reset.
The Option Byte can only be accessed during pro-
gramming mode. Access is either automatic (copy
from a master device) or by selecting the OPTION
BYTE PROGRAMMING mode of the programmer.
The option byte is located in a non-user map. No
address needs to be specified.
Option Byte
bit 3 =
I2C Clock Speed:
0 = 100KHz (default)
1 = 400KHz
All other bits must be programmed as shown in the
register table above.
The Option byte is written during programming ei-
ther by using the PC menu (PC driven Mode) or
automatically (stand-alone mode).
1.4.3 Eprom Erasure
Thanks to the transparent window present in the
EPROM package, its memory contents may be
erased by exposure to UV light.
Erasure begins when the device is exposed to light
with a wavelength shorter than 4000Å. It should be
noted that sunlight, as well as some types of artifi-
cial light, includes wavelengths in the 3000-4000Å
range which, on prolonged exposure, can cause
erasure of memory contents. It is thus recom-
mended that EPROM devices be fitted with an
opaque label over the window area in order to pre-
vent unintentional erasure.
The recommended erasure procedure for EPROM
devices consists of exposure to short wave UV
light having a wavelength of 2537Å. The minimum
recommended integrated dose (intensity x expo-
sure time) for complete erasure is 15Wsec/cm
2.
This is equivalent to an erasure time of 15-20 min-
utes using a UV source having an intensity of
12mW/cm2 at a distance of 25mm (1 inch) from
the device window.
70
00
0
0
X
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com