Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6373 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST6373
Description  8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6373 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST6373 Datasheet HTML 27Page - STMicroelectronics ST6373 Datasheet HTML 28Page - STMicroelectronics ST6373 Datasheet HTML 29Page - STMicroelectronics ST6373 Datasheet HTML 30Page - STMicroelectronics ST6373 Datasheet HTML 31Page - STMicroelectronics ST6373 Datasheet HTML 32Page - STMicroelectronics ST6373 Datasheet HTML 33Page - STMicroelectronics ST6373 Datasheet HTML 34Page - STMicroelectronics ST6373 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
ST6373
31/64
I/O PORTS (Cont’d)
4.1.1.2 Output Option Description
Output Option
Port A and B pins in output modes can be set to
Open Drain or Push-Pull modes (not for PA6 and
PA7). Port A bits set to output have a maximum
10mA current sink LED drive capability.
4.1.1.3 I
2C SPI Input/Output
If the user uses the I2C serial peripheral interface,
the I/O lines PA6 and PA7 should be set in output
mode with the open-drain configuration; the corre-
sponding data bit must set to one.
Note. Switching the I/O ports with interrupt (Ports
A and B) from one state to another should be done
in a way that no unwanted side effects can hap-
pen. The recommended safe transitions are
shown below. All other transitions are risky and
should be avoided during change of operation
mode as it is most likely that there will be an un-
wanted side-effect such as interrupt generation or
two pins shorted together by the analog input
lines.
Single bit instructions (SET, RES, JRR and JRS)
should be used very carefully with Port A and B
data registers because these instructions make an
implicit read and write back of the whole ad-
dressed register byte. In port input mode however
data register address reads from input pins, not
from data register latches and data register infor-
mation in input mode is used to set characteristics
of the input pin (interrupt, pull-up, analog input),
therefore these characteristics may be uninten-
tionally reprogrammed, depending on the state of
input pins. As general rule is better to use single bit
instructions on data register only when the whole
port is in output mode. If input or mixed configura-
tion is needed it is recommended to keep a copy of
the data register in RAM. On this copy it is possible
to use single bit instructions, then the copy register
could be written into the port data register.
SET
bit, data copy
LD
a, dataco py
LD
DRA, a
4.1.2 Details of I/O Port C
Port C. When programmed as an input an internal
pull-up can be switched active under program con-
trol. When programmed as an output the Port C
I/O pins will operate in the open-drain mode. PC0-
PC3 are available as open-drain capable of with-
standing a maximum VDD+0.3V. PC4-PC7 are
available as open-drain capable of withstanding
12V and have no resistive pull-up in input mode.
If the user uses the DDC serial peripheral inter-
face, the I/O lines PC0 and PC1 should be set in
output mode while the open-drain configuration is
hardware fixed; the corresponding data bit must
set to one.If the latched interrupt functions are
used (HSYNC,(HSYNC, HDRIVE, PWRIN) then
the corresponding pins should be set to input
mode.
Figure 21. State Transition Diagram for Safe Transitions (Ports A and B)
Note*.xxx = DDR, OR, DR bits respectively
Interrupt
pull-up
Output
Open Drain
Output
Push-pull
Input
pull-up (Reset
state)
Input
Analog
Output
Open Drain
Output
Push-pull
Input
010*
000
100
110
011
001
101
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com