Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6373 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST6373
Description  8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6373 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST6373 Datasheet HTML 30Page - STMicroelectronics ST6373 Datasheet HTML 31Page - STMicroelectronics ST6373 Datasheet HTML 32Page - STMicroelectronics ST6373 Datasheet HTML 33Page - STMicroelectronics ST6373 Datasheet HTML 34Page - STMicroelectronics ST6373 Datasheet HTML 35Page - STMicroelectronics ST6373 Datasheet HTML 36Page - STMicroelectronics ST6373 Datasheet HTML 37Page - STMicroelectronics ST6373 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
ST6373
34/64
4.1.3 I/O Port Registers
4.1.3.1 Data Registers
Ports A, B, C Data Register
Address: C0h (PA), C1h (PB), C2h (PC) -
Read/Write
Reset Value: 00h
PA7-PA0. These are the I/O Port A data bits. Re-
set at power-on.
PB7-PB0. These are the I/O Port B data bits. Re-
set at power-on.
PC7-PC0. These are the I/O Port C data bits. Set
to 04H at power-on. Bit 2 (PC2 pin) is set to one
(open-drain therefore high impedance).
4.1.3.2 Data Direction Registers
Ports A, B, C Data Direction Register
Address: C4h (PA), C5h (PB), C6h (PC) -
Read/Write
Reset Value: 00h
PA7-PA0. These are the I/O Port A data direction
bits. When a bit is cleared to zero the related I/O
line is in input mode, if bit is set to one the related
I/O line is in output mode. Reset at power-on.
PB7-PB0. These are the I/O Port B data direction
bits. When a bit is cleared to zero the related I/O
line is in input mode, if bit is set to one the related
I/O line is in output mode. Reset at power-on.
PC7-PC0. These are the I/O Port C data direction
bits. When a bit is cleared to zero the related I/O
line is in input mode, if bit is set to one the related
I/O line is in output mode. Set to 04H at power-on.
Bit 2 (PC2 pin) is set to one (output mode select-
ed).
4.1.3.3 Option Registers
Port A, B, C Option Register
Address: CCh (PA), CDh (PB) - Read/Write
Reset value:00h
PA7-PA0. These are the I/O Port A option bits.
These are set in conjunction with the correspond-
ing data and data direction bits to set the individual
Port A bit I/O mode.
PB7-PB0. These are the I/O Port B option bits.
These are set in conjunction with the correspond-
ing data and data direction bits to set the individual
Port B bit I/O mode.
Notes: The WAIT instruction allows the MCU to be
used in situations where low power consumption is
required. This can only be achieved, however, if
the I/O pins are programmed as inputs with well
defined logic levels or have no power consuming
resistive loads in output mode.
Single-bit operations on I/O registers are possible
but care is necessary because reading in input
mode is from I/O pins while writing will directly af-
fect the Port data register.
70
PA/PB
/PC7
PA/P B
/PC6
PA/PB
/PC5
PA/PB
/PC4
PA/PB
/PC3
PA/PB
/PC2
PA/PB
/PC1
PA/PB
/PC0
70
PA/PB
/PC7
PA/P B
/PC6
PA/PB
/PC5
PA/PB
/PC4
PA/PB
/PC3
PA/PB
/PC2
PA/PB
/PC1
PA/PB
/PC0
70
PA/PB7 PA/PB6 PA/PB5 PA/P B4PA/PB3 PA/PB2 PA/PB1 PA/P B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com