Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6373 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST6373
Description  8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6373 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST6373 Datasheet HTML 22Page - STMicroelectronics ST6373 Datasheet HTML 23Page - STMicroelectronics ST6373 Datasheet HTML 24Page - STMicroelectronics ST6373 Datasheet HTML 25Page - STMicroelectronics ST6373 Datasheet HTML 26Page - STMicroelectronics ST6373 Datasheet HTML 27Page - STMicroelectronics ST6373 Datasheet HTML 28Page - STMicroelectronics ST6373 Datasheet HTML 29Page - STMicroelectronics ST6373 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
ST6373
26/64
INTERRUPTS (Cont’d)
Interrupt #1. The TIMER 3 Interrupt and the Port
A and B interrupts are connected by a logical AND
function to interrupt #1 (0FF6h). The TIMER 3 in-
terrupt generates a low level (which is latched in
the timer) requiring that the Interrupt 1 Edge/Level
bit is set to 1. The I/O Port A and B interrupts may
be set to generate an interrupt on the falling edge
or low level state of the input (EL1 = 1 or EL1 = 0
respectively) according to the external connec-
tions.Note that if a low level is maintained on an
I/O bit configured as acting on a Low Level after
the interrupt is generated, the MCU will return to
the interrupt state after exiting the RETI instruction
from the first interrupt service.
Interrupt #2. The VSYNC, Timer 2 and I2C SPI In-
terrupt are connected by a logical AND function to
interrupt #2. Bit 5 of the interrupt option register
C8h is used to select the negative edge (ES2=0)
or the positive edge (ES2=1) to trigger the inter-
rupt #2.For the correct operation of the Timer 2
and I
2C SPI interrupts, the falling edge should be
selected (ES2 = 0).For the VSYNC interrupt, either
edge can be selected, depending on the operation
required. For example if the rising edge on VSYNC
is the trigger, and after receiving the interrupt
edge, the VSYNC trigger level is switched to the
falling edge, the time between the rising and falling
edge (e.g. the display time) to be determined. The
VSYNC interrupt is controlled in Register NPVIR
at address EDh.
Note that once an edge has been latched, then the
only way to remove the latched signal is to service
the interrupt. Care must be taken not to generate
spurious interrupts. For example, changing the
edge selection bit from falling edge to rising edge
when the VSYNC input is high (or disabled in NP-
VIR) will cause a spurious interrupt.(see Interrupt
Circuit Diagram)
Interrupt #3. The TIMER 1 and DDC SPI Interrupt
are connected by a logical AND function to inter-
rupt #3. This interrupt is triggered on detection of a
low level latched in the timer and DDC SPI.
Interrupt #4. The PWRIN and Analog to Digital
Converter Interrupts are connected by a Logical
AND to interrupt #4 (0FF0h). The PWRIN interrupt
is controlled through the NPVIR Register at ad-
dress EDh, and the Phase Unlock interrupt is con-
trolled through SPCR at address DFh. The #4 in-
terrupt input detects a low level. A simple latch is
provided from the PC4 (PWRIN) pin in order to
generate the PWRINT signal. This latch can be
triggered by either the positive or negative edge of
the PWRIN signal (bit 3, PWREDGE, of register
NPVIR EDh). The latch is reset by software.
Notes:
Global disable does not reset edge sensitive inter-
rupt flags. These edge sensitive interrupts become
pending again when global disabling is released.
Moreover, edge sensitive interrupts are stored in
the related flags also when interrupts are globally
disabled, unless each edge sensitive interrupt is
also individually disabled before the interrupting
event happens. Global disable is done by clearing
the GEN bit of Interrupt option register, while any
individual disable is done in the control register of
the peripheral. The on-chip Timer peripherals
have an interrupt request flag bit (TMZ), this bit is
set to one when the device wants to generate an
interrupt request and a mask bit (ETI) that must be
set to one to allow the transfer of the flag bit to the
Core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com