Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6373 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST6373
Description  8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6373 Datasheet(HTML) 4 Page - STMicroelectronics

  ST6373 Datasheet HTML 1Page - STMicroelectronics ST6373 Datasheet HTML 2Page - STMicroelectronics ST6373 Datasheet HTML 3Page - STMicroelectronics ST6373 Datasheet HTML 4Page - STMicroelectronics ST6373 Datasheet HTML 5Page - STMicroelectronics ST6373 Datasheet HTML 6Page - STMicroelectronics ST6373 Datasheet HTML 7Page - STMicroelectronics ST6373 Datasheet HTML 8Page - STMicroelectronics ST6373 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
ST6373
4/64
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
ST6373 Microcontrollers are members of the 8-bit
HCMOS ST637x family, a series of devices spe-
cially intended for Digitally Controlled Multi Fre-
quency Monitor applications. All ST637x devices
are based on a building block approach: a com-
mon core is surrounded by a combination of on-
chip peripherals (macrocells) available from a
standard library.
ST6373 devices are available in functionally iden-
tical
ROM,
OTP
(ST63T73)
and
EPROM
(ST63E73) versions, all with the same pinout.
ROM devices are available with 8, 12 or 16K Pro-
gram memory, whereas OTP and EPROM ver-
sions are both available in 16K versions only. For
details relating to sales types, refer to Section 7.2.
Since ROM, OTP and EPROM versions are
functionally identical, the present Datasheet
will refer to the generic ST6373 device, except
where specific versions differ in detail.
The ST6373 devices feature:
– Nine PWM outputs, which can be used as Digital
to Analog converter outputs (with external RC fil-
ters). These are suitable for tuning and other
functions.
– A PWM output with Bit Rate Multiplier, to which
the above comments apply.
– An Event Counter especially designed to calcu-
late the HSYNC (or HDRIV) Frequency, using
one of the on-chip timers.
– A Period Counter especially designed to calcu-
late the VSYNC Period.
– A Polarity Detector for HSYNC (or HDRIV) and
VSYNC.
– HSYNC and VSYNC outputs with controlled po-
larity.
– Video Blanking and Clamping Outputs.
– Two I/O ports A & B usable for a keyboard wake-
up feature since an interrupt input ored on each
of their pins.
– An Analog to Digital converter connected to port
B which can be used to decode an analog key-
board or for AFC.
– A VSYNC input pin connected to an interrupt
vector and to the DDC SPI for DDC1 protocol.
– An NMI input which can be used, for example, as
a Remote Control input for a TV application.
– A hardware DDC SPI able to manage DDC1
(VSYNC as clock), DDC2B and DDC2AB (I
2C
BUS
Multimaster
and
Slave).
A
128-byte
dedicated EEPROM memory is available for
DDC1 and DDC2B.
– Hardware I
2C SPI for internal monitor bus and to
manage, for example, an OSD.
– A Mirror Register and a XOR Register are includ-
ed to complement the basic ST6 instruction set.
Table 1. ST6373 Device Summary
Note: See Ordering Information in Table 23 at the end of the Datasheet.
DEVICE
CONFIGURATION
Program
Memory
(Bytes)
RAM
(Bytes)
EEPROM
(Bytes)
A/D
Inputs
14-bit
D/ (PWM)
Output
7-bit
D/A (PWM)
Output
EMULATING
DEVICES
ST6373
8K ROM
12K ROM
16K ROM
192
512
8
1
9
ST63E73,ST63T73
ST63T73
16K OTP
192
512
8
1
9
-
ST63E73
16K EPROM
192
512
8
1
9
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com