Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6373 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST6373
Description  8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6373 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST6373 Datasheet HTML 56Page - STMicroelectronics ST6373 Datasheet HTML 57Page - STMicroelectronics ST6373 Datasheet HTML 58Page - STMicroelectronics ST6373 Datasheet HTML 59Page - STMicroelectronics ST6373 Datasheet HTML 60Page - STMicroelectronics ST6373 Datasheet HTML 61Page - STMicroelectronics ST6373 Datasheet HTML 62Page - STMicroelectronics ST6373 Datasheet HTML 63Page - STMicroelectronics ST6373 Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
ST6373
60/64
Note 1. Not 100% Tested
6.4 AC ELECTRICAL CHARACTERISTICS
(TA = 0 to +70
°C, f
OSC=8MHz, VDD=4.5 to 5.5V unless otherwise specified)
Notes:
1. A clock other than 8MHz will affect the frequency response of those peripherals (D/A, and SPIs) whose clock is derived from the system
clock.
2. The rise and fall times of PORT A have been increased in order to avoid current spikes while maintaining a high drive capability
3. Not 100% Tested
4. Based on extrapolated data
IDD
Supply Current RUN Mode
fOSC= 8MHz, ILoad= 0mA
VDD= 6.0V
616
mA
IDD
Supply Current WAIT Mode
fOSC= 8MHz, ILoad= 0mA
VDD=6V
310
mA
IDD
Supply Current
RESET, Oscillator Stopped
fOSC= Not App,
ILoad= 0mA
VDD=6V
0.1
1
mA
VON
Reset Trigger Level ON
RESET Pin
0.3xVDD
V
VOFF
Reset Trigger Level OFF
RESET Pin
0.8xVDD
V
VAN
ADC Conversion Range
VSS
VDD
V
Symbol
Parameter
Test Conditio ns
Value
Unit
Min.
Typ.
Max.
tWRES
Minimum Pulse Width
RESET Pin
125
ns
tOHL
High to Low Transition Time
All Outputs Pins
VDD = 5V, CL = 100pF
(2)
40
ns
tOLH
Low to High Transition Time
All Outputs Pins
VDD = 5V, CL = 100pF
40
ns
tHD
SPI Data HOLD Time
250
ns
fSPI
SPI Baud Rate
100
kHz
fDAC
D/A Converter Repetition
Frequency(1)
31.25
kHz
tWEE
EEPROM Write Time
TA =25°C One Byte
5
ms
cYEE
EEPROM WRITE/ERASE
Cycles
QA LOT
Acceptance Criteria
300,000
> 1
million
cycles
rTEE
EEPROM Data Retention (4)
TA =25°C
10
years
CIN
Input Capacitance (3)
All Inputs Pins
10
pF
COUT
Output Capacitance (3)
All Outputs Pins
10
pF
COSC
Oscillator Pins Internal
Capacitance (3)
5pF
Table 21: DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com