Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6373 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST6373
Description  8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6373 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST6373 Datasheet HTML 20Page - STMicroelectronics ST6373 Datasheet HTML 21Page - STMicroelectronics ST6373 Datasheet HTML 22Page - STMicroelectronics ST6373 Datasheet HTML 23Page - STMicroelectronics ST6373 Datasheet HTML 24Page - STMicroelectronics ST6373 Datasheet HTML 25Page - STMicroelectronics ST6373 Datasheet HTML 26Page - STMicroelectronics ST6373 Datasheet HTML 27Page - STMicroelectronics ST6373 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
ST6373
24/64
INTERRUPTS (Cont’d)
3.4.2 Interrupt Priority
The non-maskable interrupt request has the high-
est priority and can interrupt any other interrupt
routines at any time, nevertheless the other inter-
rupts cannot interrupt each other. If more than one
interrupt request is pending, they are processed
by the MCU Core according to their priority level:
vector #1 has the higher priority while vector #4
the lower. The priority of each interrupt source is
hardware fixed.
3.4.3 Interrupt Option Register
The Interrupt Option Register (IOR register, loca-
tion C8h) is used to enable/disable the individual
interrupt sources and to select the operating mode
of the external interrupt inputs. This register is ad-
dressed in the Data Space as a RAM location at
address C8h, nevertheless it is write-only register
that can not be accessed with single-bit opera-
tions. The operating modes of the external inter-
rupt inputs associated to interrupt vectors #1 and
#2 are selected through bits 4 and 5 of the IOR
register.
Interrupt Option Register (IOR)
Address: (C8h) - Write only
Reset Value: XX00XXXXb
D7. Not used.
EL1. This is the Edge/Level selection bit of inter-
rupt #1. When set to one, the interrupt is generat-
ed on low level of the related signal; when cleared
to zero, the interrupt is generated on falling edge.
The bit is cleared to zero after reset.
ES2. This is the edge selection bit on interrupt #2.
This bit is used in ST6373 devices for VSYNC de-
tection, the interrupt for Timer 2 and the I
2CSPI. It
is cleared to zero on reset (falling edge), and must
be maintained at 0 if the Timer 2 and I
2C interrupts
are to be used. The VSYNC interrupt may be con-
figured to act on the falling edge (ES2=0) or rising
edge (ES2=1) according to the system design.
GEN. This is the global enable bit. When set to
one all interrupts are globally enabled; when this
bit is cleared to zero all interrupts are disabled (ex-
cluding NMI) independently to the individual inter-
rupt enable bit of each peripheral.
D3 - D0. These bits are not used.
NMI/PWR/VSync Interrupt Register (NPVIR)
b7: VSYNCST: (Read & Write, 0 written on Reset)
b6: VSYNCEN: (Read & Write, 0 written on Reset)
b5:PWRFLAG:(Read &Write, Undefined on Reset)
b4: PWINTEN: (Write Only, 0 written on Reset)
b3: PWREDGE: (Write Only, 0 written on Reset)
b2: NMIFLAG:(Read & Write, Undefined on Reset)
b1: NMINTEN: (Write Only, 0 written on Reset)
b0: NMIEDGE: (Write Only, 0 written on Reset)
Note that NO bit operation instructions are possible.
The input latch is activated on either the positive or
negative edge of the NMI (respectively PWRIN)
signal: if NMIEDGE (resp. PWREDGE) is high the
latch will be triggered on the rising edge of the sig-
nal at NMI (resp. PWRIN); if this bit is low the latch
will be triggered on the falling edge.
An interrupt can be generated if it is enabled: if
NMINTEN (resp. PWINTEN) is high, then the out-
put of the latch may generate an interrupt on vec-
tor #0 (resp. vector #4); if this bit is low the inter-
rupt is disabled.
The status of the latch is read with NMIFLAG (re-
sp. PWRFLAG): if NMIFLAG (resp. PWRFLAG) is
high, a signal has been latched. The latch can be
reset by setting NMIFLAG (resp. PWRFLAG).
The VSYNC input is linked to the interrupt vector #
2 through a latch.
If 1 is written in VSYNCST the latch will be trig-
gered on the rising edge of the signal at VSYNC, if
VSYNCST is low the latch will be triggered on the
falling edge (0 written on Reset).
An interrupt can be generated only if VSYNCEN is
at 1. Writing a 1 in VSYNCEN will also reset the
latch (0 written on Reset).
The status of the latch is read through the bit
VSYNCEN; reading a 1 means that a signal has
been latched.
The status of the VSYNC pin is read with the
VSYNCST bit.
70
-
EL1
ES2
GEN
---
-
70
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com