Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6373 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST6373
Description  8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6373 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST6373 Datasheet HTML 2Page - STMicroelectronics ST6373 Datasheet HTML 3Page - STMicroelectronics ST6373 Datasheet HTML 4Page - STMicroelectronics ST6373 Datasheet HTML 5Page - STMicroelectronics ST6373 Datasheet HTML 6Page - STMicroelectronics ST6373 Datasheet HTML 7Page - STMicroelectronics ST6373 Datasheet HTML 8Page - STMicroelectronics ST6373 Datasheet HTML 9Page - STMicroelectronics ST6373 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
ST6373
6/64
1.2 PIN DESCRIPTION
VDD and VSS. Power is supplied to the MCU using
these two pins. VDD is power and VSS is the
ground connection.
OSCin, OSCout. These pins are internally con-
nected to the on-chip oscillator circuit. A quartz
crystal or a ceramic resonator can be connected
between these two pins in order to allow the cor-
rect operation of the MCU with various stabili-
ty/cost trade-offs. The OSCin pin is the input pin,
the OSCout pin is the output pin.
RESET. The active low RESET pin is used to start
the microcontroller to the beginning of its program.
Additionally the quartz crystal oscillator will be dis-
abled when the RESET pin is low to reduce power
consumption during reset phase.
TEST. The TEST pin must be held at VSS for nor-
mal operation.
PA0,
PA1,
PA2/HSYNCO,
PA3/VSYNCO,
PA4/CLMPO, PA5/BLKO, PA6/SCLI, PA7/SDAI
– Port A. Software configurable as push-pull out-
put, open-drain output, Schmitt trigger input with
or without pull-up. Port A inputs can be also
ORed into the INT1 interrupt. Port A outputs
have a LED drive capability (10 mA). Pins PA2
and PA3 can be configured respectively as
HSYNC and VSYNC outputs.Pins PA4 and PA5
can be configured respectively as CLAMP and
BLANK Outputs.Pins PA6 and PA7 can be con-
figurated as the I2C SPI pins SCLI and SDAI.The
push-pull output and the input pull-up options do
not exist for these two pins. After reset the PA0
to PA5 pins are configured as inputs with pull-up.
PB0/AD0,
PB1/AD1,
PB2/AD2,
PB3/AD3,
PB4/AD4,
PB5/AD5/HFLY,
PB6/AD6/VFLY,
PB7/AD7
– Port B. Each pin can be software configured as
push-pull output, open-drain output, Schmitt trig-
ger input with or without pull-up.Port B inputs can
be also ored into the INT1 interrupt. Pins PB5
and PB6 can be configured as HFLY and VFLY
inputs. In addition, any pin of port B can be soft-
ware selected as the Analog-to-Digital converter
input. Only one pin should be selected at a time,
otherwise a conflict would result. After reset the
port B pins are configured as inputs with pull-up.
PC0/SCLD,
PC1/SDAD,
PC2,
PC3/EXTCLK,
PC4/PWRIN, PC5, PC6/HSYNC, PC7/HDRIV
– Port C. Software configurable as open-drain out-
puts or Schmitt trigger inputs with or without pull-
ups. When configured as outputs, pins PC0 to
PC3 are configured as 5V open-drain. Pins PC4
to PC7 are configured as open-drain 12V; the in-
put pull-up option does not exist for these four
pins. Pins PC0, PC1 and PC3 can be configured
as the DDC SPI pins SCLD, SDAD and EXTCLK.
The input pull-up option does not exist for PC0
and PC1. Pins PC6 and PC7 can be configured
as HSYNC and HDRIV inputs. After reset: PC3 is
configured as input with pull-up. PC0, PC1 &
PC4 to PC7 are configured in input without pull-
up. PC2 is in output mode with the value 1 (high
impedance).
DA0-DA8. These pins are the nine PWM D/A out-
puts of the on-chip D/A converters. These lines
have push-pull outputs with 5V drive. The output
repetition rate is 31.25KHz (with 8MHz clock).
VSYNC. This is the Vertical Synchronization pin.
This pin is connected to an internal interrupt and is
configured as input with pull-up and Schmitt trig-
ger.
HDA. This is the output pin of the on-chip 14-bit
PWM D/A Converter. This line is a push-pull out-
put with standard drive.
NMI. This pin is the Non-Maskable interrupt input
and is configured as input with pull-up and Schmitt
trigger.
Figure 2. ST6373 Pin configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
O0/DA0
O1/DA1
O2/DA2
O3/DA3
AD0/PB0
AD1/PB1
AD2/PB2
AD3/PB3
AD4/PB4
HFLY/AD5/PB5
VFLY/AD6/PB6
AD7/PB7
PA0
PA1
HSYNCO/PA2
VSYNCO/PA3
CLMPO/PA4
BLKO/PA5
SCLI/PA6
SDAI/PA7
VSS
VDD
PC0/SCLD
PC1/SDAD
PC2
PC3/EXTCLK
PC4/PWRIN
PC5
PC7/HDRIV
HDA
RESET
OSCout
OSCin
TEST/V
PP
(1)
VSYNC
NMI
DA4/O4
DAR/O5
DA6/O6
DA7/O7
DA8/O8
PC6/HSYNC
(1) This pin is also the VPP input for OTP/EPROM devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com