Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6373 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST6373
Description  8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6373 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST6373 Datasheet HTML 42Page - STMicroelectronics ST6373 Datasheet HTML 43Page - STMicroelectronics ST6373 Datasheet HTML 44Page - STMicroelectronics ST6373 Datasheet HTML 45Page - STMicroelectronics ST6373 Datasheet HTML 46Page - STMicroelectronics ST6373 Datasheet HTML 47Page - STMicroelectronics ST6373 Datasheet HTML 48Page - STMicroelectronics ST6373 Datasheet HTML 49Page - STMicroelectronics ST6373 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
ST6373
46/64
4.7 SERIAL PERIPHERAL INTERFACES
The ST6373 features two on-chip Serial Peripher-
al Interfaces (SPIs) for synchronous communica-
tion with other local control/interface devices. The
two SPIs are similar in basic function, however the
first contains additional logic and EEPROM mem-
ory to manage the VESA DDC data protocol
(DDC1, DDC2B and DDC2AB) transmission and
reception. Both SPIs can manage Standard shift
modes (in addition to I
2C mode), and Master/Slave
I
2C Modes.
The serial modes of the SPI are summarised in the
following table:
Table 14. SPI Modes
The maximum external clock and VSYNC clock
speed is 25kHz.
The I2C Data Hold Time is 250ns minimum.
As the I
2C SPI is derived from the DDC SPI, the
DDC SPI is shown, with the functional differences
shown.
For the DDC1 and DDC2B an additional 128 bytes
of dedicated EEPROM can be used to load the
SPI with predefined data automatically without any
CPU time consumption (see Block Diagram).
The Address Generator contains a 7-bits Auto-
Counter Register which allows the CPU to set a
EEPROM Start Address from 00h to 7Fh.
In DDC2B the Hardware Slave Address A0/A1h
can be enabled in parallel with the Programmed
I2C Slave Address.
Figure 29. DDC SPI Block Diagram
Slave Standard shift mode, with external
clock on EXTCLK
DDC SPI only
Master Standard shift mode with internal
clock
Both SPIs
DDC1 mode with VSYNC as clock
DDC SPI only
Multimaster/Slave
I2C mode
Both SPIs
VR02034
ADDRESS
SDAD
GENERATOR
ADDRESS
1
0
DATA
DDC EEPROM
DDC CONTROL
0
1
1
SHIFT
REGISTER
SCLD
VSYNC
AUTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com