Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6373 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST6373
Description  8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6373 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST6373 Datasheet HTML 36Page - STMicroelectronics ST6373 Datasheet HTML 37Page - STMicroelectronics ST6373 Datasheet HTML 38Page - STMicroelectronics ST6373 Datasheet HTML 39Page - STMicroelectronics ST6373 Datasheet HTML 40Page - STMicroelectronics ST6373 Datasheet HTML 41Page - STMicroelectronics ST6373 Datasheet HTML 42Page - STMicroelectronics ST6373 Datasheet HTML 43Page - STMicroelectronics ST6373 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
ST6373
40/64
4.4 SYNC PROCESSOR
This Sync Processor is composed of five parts:
– The first one is a 12 bits Event Counter with
HSYNC (or HDRIV) as input especially design to
calculate the HSYNC (respectively HDRIV) Fre-
quency.
– The second one is a 12-bits Period Counter es-
pecially designed to calculate the VSYNC period
and therefore his Frequency.
– The third one is a Polarity Detector for HSYNC
(or HDRIV) and VSYNC.
– The fourth part is a HSYNC,VSYNC and CLAMP
outputs generator.
– The last part is a Video Blanking generator.
4.4.1 Event Counter
The Counting is directly controlled by the Timer 3.
When PSI bit of Timer 3 Status Control Register is
low the Event Counter is in Reset Mode. At this
time the Timer 3 counter can be loaded by the
count period (for example 10 ms).
When PSI is set the Event Counter start simulta-
neously with the Timer.
When the timer count register has decremented to
zero the TMZ bit is set, an interrupt can be gener-
ated (if ETI bit is set) and the Event Counter stops.
The result number read inside the EVENT COUN-
TER REGISTERS corresponds to the rising edge
number of the Event Counter Clock occurred be-
tween the start and the stop. This Counter Clock is
set to one when the Counter is in reset (PSI=0) or
just stopped (after stop). It is equal to HSYNC
(HDRIV) between start and stop.
[If there is no HSYNC (HDRIV) the result inside the
counter will be: XFFFh]
Example: If the result is 5 the number of rising
edges is 6, the number of periods is: 4 < NP < 6).
Calculation: If the timer count is 10 ms the calcula-
tion of the HSYNC Frequency could be simple:
Freq. = N/10 KHz where N is the Event Counter re-
sult, the error is + or - one LSB max, it means 100
Hz. Of course the accuracy can be increased with
a higher timing count; 20 ms will give + or - 50 Hz.
4.4.2 Period Counter
The Vertical Period Counter is a 12-bits counter
with 8 us internal clock which measure by H/W the
duration between 2 VSYNC falling edges. Accura-
cy is 120+/-0.1 Hz. FVmin = 31 Hz. One measure-
ment start by setting the VACQuisition bit (write 1).
As this bit is inverted in reading, it is read at 1 after
Reset. As soon as the operation starts it is read at
0. At the end of the measurement,after the second
VSYNC Falling edge, the VACQuisition bit is read
again at 1.
Note: If FV < 31 Hz, VCOUNT = XFFFh = Max
If No V Sync, ACQ bit is not cleared
4.4.3 Polarity Detector
The VSYNC polarity detection is always active af-
ter reset so the software has only to read the Flag
(Bit 3 of SPCR) to determine the polarity. If the po-
larity of VSYNC changes, the Flag will switch after
a typical delay of 1.5 ms. The VSYNC polarity can
be read continuously.
The HSYNC/HDRIV polarity is returned in the Flag
(Bit 2 of SPCR). It is always running typically tog-
gles after one period of HSYNC/HDRIV when the
polarity changes.
The same delay has to be considered when
switching from HSYNC to HDRIV (Bit 0 of SPCR).
Refer to the VSYNC an HSYNC input Timings.
4.4.4 Output Polarity Control
The selection of HSYNCO instead of PA2 (respec-
tively VSYNCO instead of PA3) is made with the
bit 7 (HVOS) of SPCR.
HSYNCO and VSYNCO can take two different val-
ues according to the bit 6 (HVGEN) of SPCR:
- HSYNCI (respectively VSYNCI)
- HGEN: 62.5 KHz / Pulse width = 2us
(respectively VGEN: 61 Hz / Pulse width: 64 us).
The control of the HSYNCO and VSYNCO polarity
is made with respectively the bit 4 (HOPC) and bit
5 (VOPC) of SPCR.
The CLAMP output signal can be programmed af-
ter HSYNCO rising edge or HSYNCO falling edge
according to the bit 6 (CMCT) of ECCCR.
The CLAMP output polarity can be selected with
bit7 (COPC) of ECCCR.
The pulse width of CLMPO can have the values
250 ns, 500 ns or 1 ns according to the bits 5 and
4 (CMW1 and CMW0) of ECCCR.
Remark: when CMW1 = CMW0 = 0 PA4 is select-
ed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com