Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6373 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST6373
Description  8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6373 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST6373 Datasheet HTML 6Page - STMicroelectronics ST6373 Datasheet HTML 7Page - STMicroelectronics ST6373 Datasheet HTML 8Page - STMicroelectronics ST6373 Datasheet HTML 9Page - STMicroelectronics ST6373 Datasheet HTML 10Page - STMicroelectronics ST6373 Datasheet HTML 11Page - STMicroelectronics ST6373 Datasheet HTML 12Page - STMicroelectronics ST6373 Datasheet HTML 13Page - STMicroelectronics ST6373 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
ST6373
10/64
MEMORY SPACES (Cont’d)
1.3.3 Data Space
The ST6 Core instruction set operates on a specif-
ic space, referred to as the Data Space, which
contains all the data necessary for the program.
Figure 5. Data Space
The Data Space allows the addressing of RAM
(192 bytes), EEPROM (384 bytes plus 128 bytes
for the DDC SPI), ST6 Core and peripheral regis-
ters, as well as read-only data such as constants
and look-up tables.
*) These registers contain write only bits, in which
case the bit operation instructions are not possi-
ble.
DATA RAM/EEP ROM
BANK AREA
000h
03Fh
DATA ROM
WIND OW AREA
040h
07Fh
X REGISTER
080h
Y REGISTER
081h
V REGISTER
082h
W REGISTER
083h
DATA RAM
084h
0BFh
PORT A DATA REGISTER
0C0h
PORT B DATA REGISTER
0C1h
PORT C DATA REGISTE R
0C2h
RESERVED
0C3h
PORT A DIRECT ION REGISTE R
0C4h
PORT B DIRECT ION REGISTE R
0C5h
PORT C DIRECTION REGISTER
0C6h
RESERVED
0C7h
INTERRUPT OPTIO N REGISTER
0C8h
DATA ROM WINDO W REGISTE R
0C9h
PROGRAM ROM PAGE REGIS TER
0CAh
*)
I C SPI DATA REGISTER
0CBh
DDC SPI DATA REGISTE R
0CCh
PORT A OPTION REGISTER
0CDh
PORT B OPTION REGISTER
0CEh
RESERVED
0CFh
ADC RESULT REGIS TER
0D0h
ADC CONTROL REGISTER
0D1h*)
TIMER 1 PRESC ALER REGISTER
0D2h
TIMER 1 COUNTER REGISTE R
0D3h
TIMER 1 STATUS /CONTROL REGISTER
0D4h
TIMER 2 PRESC ALER REGISTER
0D5h
TIMER 2 COUNTER REGISTE R
0D7h
WATCHD OG REGISTER
0D8h
MIRROR REGISTER
0D9h
TIMER 3 PRESCALE R REGISTER
0DAh
TIMER 3 COUNTER REGISTER
0DBh
TIMER 3 STAT US/CONTROL REGISTER
0DCh
EVENT COUNTER DATA REGISTER 1
0DDh
EVENT COUNTER DATA REGISTER 2
0DEh*)
SYNC PROCESSOR CONTR OL REGISTE R
0DFh
*)
D/A 0/4 DATA CONTROL REGIS TER
0E0h*)
D/A 1/5 DATA CONTROL REGIS TER
0E1h*)
D/A 2/6 DATA CONTROL REGIS TER
0E2h*)
D/A 3/7 DATA CONTROL REGIS TER
0E3h*)
D/A 8 DATA CONTROL REGISTER
0E4h*)
I C SPI CONTROL REGISTE R 1
0E5h*)
I C SPI CONTROL REGISTE R 2
0E6h*)
D/A BANK REGISTER
0E7h
DATA RAM BANK REGIS TER
0E8h
DDC EEPROM CONTROL REGISTER
0E9h
EEPROM CONTROL REGISTER
0EAh
DDC SPI CONTRO L REGISTER 1
0EBh
DDC SPI CONTRO L REGISTER 2
0ECh
NMI/PWRI N/VSYNC INTERRU PT REGIST ER
0EDh
HDA DATA REGIS TER 1
0EEh*)
HDA DATA REGIS TER 2
0EFh
*)
PERIOD COUNTER DATA REGISTER
0F0h
PERIOD COUNTER 1 AND BLANK CTRL REG.
0F1h*)
AUTO-COU NTER REGIS TER
0F2h
SCL LATCH AND DDC2B ADDRESS CTRL REG.
0F3h*)
XOR REGIST ER
0F4h
RESERVE D
0F5h
0FEh
ACCUMULATOR
0FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com