Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6373 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST6373
Description  8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6373 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST6373 Datasheet HTML 56Page - STMicroelectronics ST6373 Datasheet HTML 57Page - STMicroelectronics ST6373 Datasheet HTML 58Page - STMicroelectronics ST6373 Datasheet HTML 59Page - STMicroelectronics ST6373 Datasheet HTML 60Page - STMicroelectronics ST6373 Datasheet HTML 61Page - STMicroelectronics ST6373 Datasheet HTML 62Page - STMicroelectronics ST6373 Datasheet HTML 63Page - STMicroelectronics ST6373 Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
ST6373
62/64
7.2 ORDERING INFORMATION
The following chapter deals with the procedure for
transfer the Program/Data ROM codes to SGS-
THOMSON.
Communication of the ROM Codes. To commu-
nicate the contents of Program/Data ROM memo-
ries to SGS-THOMSON, the customer must send:
– one file in INTEL INTELLEC 8/MDS FORMAT
(either as an EPROM or as a MS-DOS diskette)
for the PROGRAM Memory;
– one file in INTEL INTELLEC 8/MDS FORMAT
(either as an EPROM or as a MS-DOS diskette)
for the EEPROM initial content (this file is option-
al).
The program ROM should respect the ROM Mem-
ory Map as in Table 22.
The ROM code must be generated with an ST6
assembler. Before programming the EPROM, the
EPROM programmer buffer must be filled with
FFh.
For shipment to SGS-THOMSON, the master
EPROMs should be placed in a conductive IC car-
rier and packed carefully.
Customer EEPROM Initial Contents Format
a The content should be written as an INTEL IN-
TELLEC format file.
b In the case of 512 bytes of EEPROM, the starting
address is 000h and the end address is 1FFh.
The order of the pages (64 bytes each) is as
shown in the specification.
c Undefined or don’t care bytes should have the
content FFh.
Listing Generation & Verification. When SGS-
THOMSON receives the Codes, a computer listing
is generated from them. This listing refers exactly
to the mask that will be used to produce the micro-
controller. The listing is then returned to the cus-
tomer, and it must be thoroughly check, complete,
sign and return it to SGS-THOMSON. The signed
list constitutes a part of the contractual agreement
for the creation of the customer mask. The SGS-
THOMSON sales organization will be pleased to
provide detailed information regarding contractual
matters.
Table 22. ROM Memory Map
ROM Page
Device Address
Description
PAGE 0
0000h-007Fh
0080h-07FFh
Reserved
User ROM
PAGE 1
“STATIC”
0800h-0F9Fh
0FA0h-0FEFh
0FF0h-0FF7h
0FF8h-0FFBh
0FFCh-0FFDh
0FFEh-0FFFh
User ROM
Reserved
Interrupt Vectors
Reserved
NMI Vector
Reset Vector
PAGE 2
0000h-000Fh
0010h-07FFh
Reserved
User ROM
PAGE 3
0000h-000Fh
0010h-07FFh
Reserved
User ROM
PAGE 4
0000h-000Fh
0010h-07FFh
Reserved
User ROM
PAGE 5
0000h-000Fh
0010h-07FFh
Reserved
User ROM
PAGE 6
0000h-000Fh
0010h-07FFh
Reserved
User ROM
PAGE 7
0000h-000Fh
0010h-07FFh
Reserved
User ROM
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com