Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6373 Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST6373
Description  8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6373 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST6373 Datasheet HTML 54Page - STMicroelectronics ST6373 Datasheet HTML 55Page - STMicroelectronics ST6373 Datasheet HTML 56Page - STMicroelectronics ST6373 Datasheet HTML 57Page - STMicroelectronics ST6373 Datasheet HTML 58Page - STMicroelectronics ST6373 Datasheet HTML 59Page - STMicroelectronics ST6373 Datasheet HTML 60Page - STMicroelectronics ST6373 Datasheet HTML 61Page - STMicroelectronics ST6373 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
ST6373
58/64
6 ELECTRICAL CHARACTERISTICS
6.1 ABSOLUTE MAXIMUM RATINGS
This product contains devices to protect the inputs
against damage due to high static voltages, how-
ever it is advised to take normal precaution to
avoid application of any voltage higher than maxi-
mum rated voltages.
For proper operation it is recommended that VI
and VO must be higher than VSS and smaller than
VDD. Reliability is enhanced if unused inputs are
connected to an appropriated logic voltage level
(VDD or VSS).
Power Considerations.The average chip-junc-
tion temperature, Tj, in Celsius can be obtained
from:
Tj=TA + PD x RthJA
Where :TA = Ambient Temperature.
RthJA =Package thermal resistance (junc-
tion-to ambient).
PD = Pint + Pport.
Pint =IDD x VDD (chip internal power).
Pport =Port power dissipation (determined
by the user).
Note: Stresses above those listed as
“absolute maximum ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliabili ty.
THERMAL CHARACTERISTICS
6.2 RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.3 to 7.0
V
V
I
Input Voltage (AD IN)
VSS - 0.3 to +13
V
V
I
Input Voltage (Other inputs)
VSS - 0.3 to +13
V
V
O
Output Voltage (PA4-PA7, PC4-PC7)
VSS - 0.3 to VDD + 0.3)
V
V
O
Output Voltage (Other outputs)
VSS - 0.3 to VDD + 0.3(1)
V
I
O
Current Drain per Pin Excluding VDD, VSS, PA0-PA7
+ 10
mA
I
O
Current Drain per Pin (PA0-PA7)
+ 20
mA
IV
DD
Total Current into VDD (source)
50
mA
IV
SS
Total Current out of VSS (sink)
150
mA
T
j
Junction Temperature
150
°C
TSTG
Storage Temperature
-60 to 150
°C
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
RthJA
Thermal Resistance
PSDIP42
67
°C/W
CSDIP42
Not Specified
Symbol
Parameter
Test Condition s
Value
Unit
Min.
Typ.
Max.
T
A
Operating Temperature
1 Suffix Versions
0
70
°C
V
DD
Operating Supply Voltage
4.5
5.0
5.5
V
f
OSC
Oscillator Frequency
RUN & WAIT Modes
0.01
8.1
MHz
2
JRC
e
1prc
Mnemonic
Addressing Mode
Bytes
Cycle
Operand



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com