Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6373 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST6373
Description  8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6373 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST6373 Datasheet HTML 38Page - STMicroelectronics ST6373 Datasheet HTML 39Page - STMicroelectronics ST6373 Datasheet HTML 40Page - STMicroelectronics ST6373 Datasheet HTML 41Page - STMicroelectronics ST6373 Datasheet HTML 42Page - STMicroelectronics ST6373 Datasheet HTML 43Page - STMicroelectronics ST6373 Datasheet HTML 44Page - STMicroelectronics ST6373 Datasheet HTML 45Page - STMicroelectronics ST6373 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
ST6373
42/64
SYNC PROCESSOR (Cont’d)
Period Counter 2 And Blank Control Register
(PCBCR)
Address: F1h - Read/Write
Reset Value: XFh
b7: Not Used
b6: BOS:
Blank Output Selection
0=PA5, 1=BLANK, Write Only, 0 after Reset
b5: VFLYF:
Vertical FLY-back Flag
Set on falling edge of VFLY/PB6 input, Read and
Write, cleared by S/W (write of zero), undefined af-
ter Reset
b4: HFLYF: Horizontal FLY-back Flag
Set on falling edge of HFLY/PB5 Input, Read and
Write, cleared by S/W (write of zero), undefined af-
ter Reset
b3 to b0: 4 MSB bits of period counting result,
Read Only, Fh After Reset
Figure 27. SYNC Processor Block Diagram
70
NU
BOS
VFLY
HFLY
V11
V10
V9
V8
VSYNCO
1
0
CLMPO
HSYNCO
HVGEN
COPC
CMCT
VSYNCO
POLARITY
VSYNCI
HSYNCI
1
0
HDRIVE
SHH
To
Blk
V 12 bit TIMER
(VACQ)
HSYNCO
POLARITY
H 12 bit Event Counter
(timer 3)
VSYNCI
HSYNCI
H Polarity Detector
HPF
HVGEN
1
0
HVOS
HVOS
CMW0:1
VSYNCEN
VOPC
HOPC
R
S
BLKEN
PA5/BLK0
To Edge detector (HFLYF)
To Edge detector (VFLYF)
PB5/HFLY
PB6/VFLY
PA3/VSYNCO
HFLY, VFLY, VSYNCO signals should have positive polarity
Blank Out Generation
VR02089A
VSYNC+
Generator
61 Hz,64
µs
HSYNC+
Generator
62.5 kHz, 2
µs
Sync Generator
H/W Block
BACK PORCH
CLAMP
GENERATOR
CLAMP
POLARITY
Latch
Pulse
Detect
Polarity
Detector
VPF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com