Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6373 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST6373
Description  8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6373 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST6373 Datasheet HTML 55Page - STMicroelectronics ST6373 Datasheet HTML 56Page - STMicroelectronics ST6373 Datasheet HTML 57Page - STMicroelectronics ST6373 Datasheet HTML 58Page - STMicroelectronics ST6373 Datasheet HTML 59Page - STMicroelectronics ST6373 Datasheet HTML 60Page - STMicroelectronics ST6373 Datasheet HTML 61Page - STMicroelectronics ST6373 Datasheet HTML 62Page - STMicroelectronics ST6373 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
ST6373
59/64
6.3 DC ELECTRICAL CHARACTERISTICS
(TA = 0 to +70
°C, V
DD = 4.5V unless otherwise specified).
Table 21: DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VIL
Input Low Level Voltage
All I/O Pins
0.3xVDD
V
VIH
Input High Level Voltage
All I/O Pins
0.7xVDD
V
VHYS
Hysteresis Voltage(1)
All I/O Pins
VDD =5V
1.0
V
VOL
Low Level Output Voltage
PB0-PB7, PC0-PC7
DA0/O0-DA8/O8
IOL= 1.6mA
IOL= 5mA
0.4
1.0
V
VOL
Low Level Output Voltage
PA0-PA7
IOL= 1.6mA
IOL= 10mA
0.4
1.0
V
VOL
Low Level Output Voltage
OSCout
IOL= 0.4mA
0.4
V
VOL
Low Level Output Voltage
HDA Output
IOL= 0.5mA
IOL= 1.6mA
0.4
1.0
V
VOH
High Level Output Voltage
PA0-PA7, PB0-PB7
IOH = – 1.6mA
4.1
V
VOH
High Level Output Voltage
OSCout,
IOH= – 0.4mA
4.1
V
VOH
High Level Output Voltage
HDA
IOH= - 0.5mA
4.1
V
IPU
Input Pull Up Current
Input Mode with Pull-up
PA0-PA7, PB0-PB7,
PC0-PC7, NMI, VSYNC
VIN=VSS
– 100
– 50
– 25
µA
IPU
Input Pull Up Current
Input Mode with Pull-up
RESET
VIN=VSS
–50
– 25
–10
µA
IIL
Input Pull-down
current in RESET Mode
OSCin
100
µA
IIL
IIH
Input Leakage Current
OSCin
VIN=VSS
VIN=VDD
–10
0.1
–1
1
– 0.1
10
µA
µA
IIL
IIH
Input Leakage Current
All I/O Input Mode
no Pull-up
VIN=VSS
VIN=VDD
–10
–10
10
10
µA
µA
VDDRAM
RAM Retention Voltage in
RESET Mode
1.5
V
IIL
IIH
Input Leakage Current
Reset Pin with Pull-up
VIN=VSS
–50
– 30
– 5
µA
IOH
Output Leakage Current
PC0-PC7
VOH =VDD
10
µA
IOH
Output Leakage Current High
Voltage
PC4-PC7
VOH = 12V
40
µA
ADI
ADC Input Current
During Conversation
VDD= 4.5V
1.0
µA
2
JRC
e
1prc
Mnemonic
Addressing Mode
Bytes
Cycle
Operand



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com