Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6375 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST6375
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6375 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST6375 Datasheet HTML 40Page - STMicroelectronics ST6375 Datasheet HTML 41Page - STMicroelectronics ST6375 Datasheet HTML 42Page - STMicroelectronics ST6375 Datasheet HTML 43Page - STMicroelectronics ST6375 Datasheet HTML 44Page - STMicroelectronics ST6375 Datasheet HTML 45Page - STMicroelectronics ST6375 Datasheet HTML 46Page - STMicroelectronics ST6375 Datasheet HTML 47Page - STMicroelectronics ST6375 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
44/84
ST6365, ST6375, ST6385 ST6367, ST6377, ST6387
4.5 6-BIT PWM D/A CONVERTERS
The D/A macrocell contains up to six PWM D/A
outputs (31.25kHz repetition, DA0-DA5) with six
bit resolution.
Each D/A converter of ST638x is composed by the
following main blocks:
– pre-divider
– 6-bit counter
– data latches and compare circuits
The pre-divider uses the clock input frequency
(8MHz typical) and its output clocks the 6-bit free-
running counter. The data latched in the six regis-
ters (E0h, E1h, E2h, E3h, E6h and E7h) control
the six D/A outputs (DA0,1,2, 3, 4 and 5). When all
zeros are loaded the relevant output is an high log-
ic level; all 1's correspond to a pulse with a 1/64
duty cycle and almost 100% zero level.
The repetition frequency is 31.25kHz and is relat-
ed to the 8MHz clock frequency. Use of a different
oscillator frequency will result in a different repeti-
tion frequency. All D/A outputs are open-drain with
standard current drive capability and able to with-
stand up to 12V.
DA0-DA5 Data/Control Register (DADCR)
Address: E0h, E1h, E2h, E3h, E4h, E5h, E6h,
E7h, - Write only
Reset Value: XXh
Caution: This register contains at least one write
only bit. Single bit instructions (SET, RES, INC
and DEC) should not be used.
DADCR0-DADCR5. These are the 6 bits of the
PWM digital to analog converter. Undefined after
reset.
Figure 29. 6-bit PWM D/A Output Configuration
70
--
DADCR
5
DADCR
4
DADCR
3
DADCR
2
DADCR
1
DADCR
0
DA0-DA5
Out
N
OUT
VA00343
(OPEN-DRAIN, 12V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com