Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6392 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST6392
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6392 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST6392 Datasheet HTML 13Page - STMicroelectronics ST6392 Datasheet HTML 14Page - STMicroelectronics ST6392 Datasheet HTML 15Page - STMicroelectronics ST6392 Datasheet HTML 16Page - STMicroelectronics ST6392 Datasheet HTML 17Page - STMicroelectronics ST6392 Datasheet HTML 18Page - STMicroelectronics ST6392 Datasheet HTML 19Page - STMicroelectronics ST6392 Datasheet HTML 20Page - STMicroelectronics ST6392 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
b7
b0
000h
DATA RAM/EEPROM/OSD
BANK AREA
03Fh
040h
DATA ROM
WINDOW AREA
07Fh
X REGISTER
080h
Y REGISTER
081h
V REGISTER
082h
W REGISTER
083h
084h
DATA RAM
0BFh
PORT A DATA REGISTER
0C0h
PORT B DATA REGISTER
0C1h
PORT C DATA REGISTER
0C2h
RESERVED
0C3h
PORT A DIRECTION REGISTER
0C4h
PORT B DIRECTION REGISTER
0C5h
PORT C DIRECTION REGISTER
0C6h
RESERVED
0C7h
INTERRUPT OPTION REGISTER
0C8h
DATA ROM WINDOW REGISTER
0C9h
PROGRAM ROM PAGE REGISTER
0CAh
RESERVED
0CBh
SPI DATA REGISTER
0CCh
0CDh
RESERVED
0D1h
TIMER 1 PRESCALER REGISTER
0D2h
TIMER 1 COUNTER REGISTER
0D3h
TIMER 1 STATUS/CONTROL REG.
0D4h
0D5h
RESERVED
0D7h
WATCHDOG REGISTER
0D8h
Figure 14. ST639x Data Space
b7
b0
RESERVED
0D9h
TIMER 2 PRESCALER REGISTER
0DAh
TIMER 2 COUNTER REGISTER
0DBh
TIMER 2 STATUS CONTROL REG.
0DCh
0DDh
RESERVED
0DFh
DA0 DATA/CONTROL REGISTER
0E0h
DA1 DATA/CONTROL REGISTER
0E1h
DA2 DATA/CONTROL REGISTER
0E2h
DA3 DATA/CONTROL REGISTER
0E3h
AFC, IR & OSD RESULT REGISTER
0E4h
OUTPUTS CONTROL REGISTER
0E5h
DA4 DATA/CONTROL REGISTER
0E6h
DA5 DATA/CONTROL REGISTER
0E7h
DATA RAM BANK REGISTER
0E8h
DEDIC. LATCHES CONTROL REG.
0E9h
EEPROM CONTR OL REGISTER
0EAh
SPI CONTROL REGISTER 1
0EBh
SPI CONTROL REGISTER 2
0ECh
OSD CHARAC. BANK SELECT REG.
0EDh
0F0h
RESERVED
0FEh
ACCUMULATOR
0FFh
OSD CONTROL REGISTERSLOCATED
IN PAGE 6 OF BANKED DATA RAM
VERTICAL START ADDRESS REG.
010h
HORIZONTALSTART ADDRESS REG.
011h
VERTICAL SPACE REGISTER
012h
HORIZONTAL SPACE REGISTER
013h
BACKGROUND COLOUR REGISTER
014h
GLOBAL ENABLEREGISTER
017h
Figure 15. ST639x Data Space (Continued)
MEMORY SPACES (Continued)
Data Space
The instruction set of the ST639x Core oper-
ate s on a specific space, named Data Space
tha t contains all the data necessary fo r the
processing of the program. The Data Space al-
lows the addressing of RAM (256 bytes for the
ST639x family), EEPROM (up to 384 bytes),
ST639x Core/peripheral registers, and read-only
data such asconstantsand the look-up tables.
®
ST6391,92,93,95,97,99
13/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com