Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6392 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST6392
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6392 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST6392 Datasheet HTML 27Page - STMicroelectronics ST6392 Datasheet HTML 28Page - STMicroelectronics ST6392 Datasheet HTML 29Page - STMicroelectronics ST6392 Datasheet HTML 30Page - STMicroelectronics ST6392 Datasheet HTML 31Page - STMicroelectronics ST6392 Datasheet HTML 32Page - STMicroelectronics ST6392 Datasheet HTML 33Page - STMicroelectronics ST6392 Datasheet HTML 34Page - STMicroelectronics ST6392 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
Figure 30. I/O Configuration Diagram
(Open Drain 12V)
Figure 31. I/O Configuration Diagram (Open Drain 5V, Push-pull)
Input/Output Configurations
The following schematics show the I/O lines hard-
ware configuration for the different options. Figure
30 shows the I/O configuration for an I/O pin with
open-drain 12V capability (standard drive and high
drive). Figure 31 shows the I/O configuration for an
I/O pin with push-pull and with open drain 5V capa-
bility.
Notes :
The WAIT instruction allows the ST639x to be
used in situations where low power consumption is
needed. This can only be achieved however if the
I/O pins either are programmed as inputs with well
defined logic levels or have no power consuming
resistive loads in output mode. As the same die is
used for the different ST639x versions the unavail-
able I/O lines of ST639x should be programmed in
output mode.
Single-bit operations on I/O registers are possible
but care is necessary because reading in input
mode is made from I/O pins while writing will di-
rectly affect the Port data register causing an unde-
sired changes of the input configuration.
INPUT/OUTPUT PORTS (Continued)
®
ST6391,92,93,95,97,99
27/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com