Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6392 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST6392
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6392 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST6392 Datasheet HTML 49Page - STMicroelectronics ST6392 Datasheet HTML 50Page - STMicroelectronics ST6392 Datasheet HTML 51Page - STMicroelectronics ST6392 Datasheet HTML 52Page - STMicroelectronics ST6392 Datasheet HTML 53Page - STMicroelectronics ST6392 Datasheet HTML 54Page - STMicroelectronics ST6392 Datasheet HTML 55Page - STMicroelectronics ST6392 Datasheet HTML 56Page - STMicroelectronics ST6392 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
Background Control Register
This register sets up two possible backgrounds.
The background select bit (BGS) in the format or
space character will determine which background
is selected for the current word.
R1,R0,G1,G0,B1,B0. Background Colour.
These bits define the colour of the specified back-
ground, either background 1 or background 0 as
defined in Table below.
Table 14. Background Register Colour
Setting.
RX
GX
BX
Colour
0
0
0
Black
0
0
1
Blue
0
1
0
Green
0
1
1
Cyan
100
Red
1
0
1
Magenta
1
1
0
Yellow
1
1
1
White
BK1,BK0. Background Enable.These bits deter-
mine if the specified background is enabled or not.
“0” -The following word does not have a background.
“1” -There is a background around the following
word.
D7-D1. These bits are not used
BS. Bank Select. This bit select the character bank
to be used. The lower bank is selected with 0. The
value can be modified only when the OSD is OFF
(GE=0). No reset value.
OSD Data RAM
The contents of the data RAM can be accessed by
the ST639x MCUs only when the global enable bit
(GE) in the Global Enable register is a zero.
The first character in every line is the format char-
acter. This character is not displayed. It defines the
size of the characters in the line and contains the
vertical space enable bit. This character also de-
fines the colour, background and display enable for
the first word in the line. Subsequent characters
are either spaces or one of the 64 available charac-
ter types.
The space character defines the colour, back-
ground, display enable and horizontal space en-
able for the following word. Since there are 5
display lines of 15 characters each, the display
RAM must contain 5 lines x (15 characters + 1 for-
mat character) or 80 locations. The RAM size is 80
locations x 7 bits. The data RAM map is shown in
Table 15.
ON-SCREEN DISPLAY (Continued)
BCR
Backround Control Register
(14h - Page 6, Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
BK0 = Backround Enable Bit 0
BK1 = Backround Enable Bit 1
B0 = B Colour Backround Bit 0
B1 = B Colour Backround Bit 1
G0 = G Colour Backround Bit 0
G1 = G Colour Backround Bit 1
R0 = R Colour Backround Bit 0
R1 = R Colour Backround Bit 1
Figure 64. Backround Control Register
CBSR
Character Bank Select Register
(EDh - No Page , Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
BS = Bank Select Bit
Unuse d
Figure 65. Character Bank Select Register
®
ST6391,92,93,95,97,99
49/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com