Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7261 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST7261
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7261 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST7261 Datasheet HTML 61Page - STMicroelectronics ST7261 Datasheet HTML 62Page - STMicroelectronics ST7261 Datasheet HTML 63Page - STMicroelectronics ST7261 Datasheet HTML 64Page - STMicroelectronics ST7261 Datasheet HTML 65Page - STMicroelectronics ST7261 Datasheet HTML 66Page - STMicroelectronics ST7261 Datasheet HTML 67Page - STMicroelectronics ST7261 Datasheet HTML 68Page - STMicroelectronics ST7261 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
ST7261
65/80
I/O PORT PIN CHARACTERISTICS (Cont’d)
Figure 51. Typical VDD-VOH vs. VDD (high sink port)
11.9 CONTROL PIN CHARACTERISTICS
11.9.1 Asynchronous RESET Pin
Subject to general operating conditions for VDD, fCPÜ, and TA unless otherwise specified.
Notes:
1. Unless otherwise specified, typical data are based on TA=25°C and VDD=5V, not tested in production.
2. Data based on characterization results, not tested in production.
3. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
4. The IIO current sunk must always respect the absolute maximum rating specified in Section 11.2 and the sum of IIO (I/
O ports and control pins) must not exceed IVSS.
5. The RON pull-up equivalent resistor is based on a resistive transistor (corresponding ION current characteristics de-
scribed in Figure 52). This data is based on characterization results, not tested in production.
6. To guarantee the reset of the device, a minimum pulse has to be applied to RESET pin. All short pulses applied on
RESET pin with a duration below th(RSTL)in can be ignored.
0
0.02
0.04
0.06
0.08
0.1
33.544.5
5
5.5
6
Vdd(V)
0
0.05
0.1
0.15
0.2
0.25
34
5
6
Vdd(V)
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VIH
Input High Level Voltage
0.7xVDD
VDD
V
VIL
Input Low Voltage
VSS
0.3xVDD
V
Vhys
Schmitt trigger voltage hysteresis 3)
400
mV
VOL
Output low level voltage 4)
(see Figure 53, Figure 54)
VDD=5V
IIO=5mA
1
V
IIO=2mA
0.4
RON
Weak pull-up equivalent resistor 5)
VIN=VSS
80
160
280
k
tw(RSTL)out Generated reset pulse duration
External pin or
internal reset sources
6
30
1/fSFOSC
µs
th(RSTL)in External reset pulse hold time
6)
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com