Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7261 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST7261
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7261 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST7261 Datasheet HTML 63Page - STMicroelectronics ST7261 Datasheet HTML 64Page - STMicroelectronics ST7261 Datasheet HTML 65Page - STMicroelectronics ST7261 Datasheet HTML 66Page - STMicroelectronics ST7261 Datasheet HTML 67Page - STMicroelectronics ST7261 Datasheet HTML 68Page - STMicroelectronics ST7261 Datasheet HTML 69Page - STMicroelectronics ST7261 Datasheet HTML 70Page - STMicroelectronics ST7261 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
ST7261
67/80
11.10 COMMUNICATION INTERFACE CHARACTERISTICS
11.10.1 USB - Universal Bus Interface
(Operating conditions T
A = 0 to +70°C, V
DD = 4.0 to 5.25V unless otherwise specified)
Note 1: RL is the load connected on the USB drivers.
Note 2: All the voltages are measured from the local ground potential.
Note 3: Not tested in production, guaranteed by design.
Note 4: To improve EMC performance (noise immunity), it is recommended to connect a 100nF capacitor
to the USBVCC pin.
Figure 55. USB: Data Signal Rise and Fall Time
Table 17. USB: Low-speed Electrical Characteristics
Note 1: Measured from 10% to 90% of the data signal. For more detailed informations, please refer to Chapter 7 (Elec-
trical) of the USB specification (version 1.1).
USB DC Electrical Characteristics
Parameter
Symbol
Conditions
Min.
Max.
Unit
Differential Input Sensitivity
VDI
I(D+, D-)
0.2 3)
V
Differential Common Mode Range
VCM
Includes VDI range
0.8 3)
2.5 3)
V
Single Ended Receiver Threshold
VSE
0.8 3)
2.0 3)
V
Static Output Low
VOL
RL of 1.5K ohms to 3.6v
0.3
V
Static Output High
VOH
RL of 15K ohms to VSS
2.8
3.6
V
USBVCC: voltage level 4)
USBV
VDD=5V
3.00
3.60
V
Differential
Data Lines
VSS
tf
tr
Crossover
points
VCRS
Parameter
Symbol
Conditions
Min
Max
Unit
Driver characteristics:
Rise time
tr
Note 1,CL=50 pF
75
ns
Note 1, CL=600 pF
300
ns
Fall Time
tf
Note 1, CL=50 pF
75
ns
Note 1, CL=600 pF
300
ns
Rise/ Fall Time matching
trfm
tr/tf
80
120
%
Output signal Crossover
Voltage
VCRS
1.3
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com