Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST7263
Description  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST7263 Datasheet HTML 100Page - STMicroelectronics ST7263 Datasheet HTML 101Page - STMicroelectronics ST7263 Datasheet HTML 102Page - STMicroelectronics ST7263 Datasheet HTML 103Page - STMicroelectronics ST7263 Datasheet HTML 104Page - STMicroelectronics ST7263 Datasheet HTML 105Page - STMicroelectronics ST7263 Datasheet HTML 106Page - STMicroelectronics ST7263 Datasheet HTML 107Page - STMicroelectronics ST7263 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 109 page
background image
ST7263
104/109
8 PACKAGE CHARACTERISTICS
8.1 PACKAGE MECHANICAL DATA
Figure 45. 34-Pin Shrink Plastic Small Outline Package, 300-mil Width
Figure 46. 32-Pin Shrink Plastic Dual in Line Package, 400-mil Width
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.46
2.64
0.097
0.104
A1
0.13
0.29
0.005
0.0115
B
0.36
0.48
0.014
0.019
C
0.23
0.32 0.0091
0.0125
D
17.73
18.06 0.698
0.711
E
7.42
7.59
0.292
0.299
e
1.02
0.040
H
10.16
10.41 0.400
0.410
h
0.64
0.74
0.025
0.029
K
L
0.61
1.02
0.024
0.040
Number of Pins
N34
SO34S
0.10mm
.004
seating plane
1
N
b
D
VR01725J
N/2
b1
e
A
L
See Lead Detail
E1
e3
A2
A1
E
C
eB
e
A
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
3.56
3.76
5.08 0.140 0.148 0.200
A1
0.51
0.020
A2
3.05
3.56
4.57 0.120 0.140 0.180
b
0.36
0.46
0.58 0.014 0.018 0.023
b1
0.76
1.02
1.40 0.030 0.040 0.055
C
0.20
0.25
0.36 0.008 0.010 0.014
D
27.43 27.94 28.45 1.080 1.100 1.120
E
9.91 10.41 11.05 0.390 0.410 0.435
E1
7.62
8.89
9.40 0.300 0.350 0.370
e
1.78
0.070
eA
10.16
0.400
eB
12.70
0.500
L
2.54
3.05
3.81 0.100 0.120 0.150
Number of Pins
N32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com