Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263 Datasheet(PDF) 106 Page - STMicroelectronics

Part # ST7263
Description  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button ST7263 Datasheet HTML 101Page - STMicroelectronics ST7263 Datasheet HTML 102Page - STMicroelectronics ST7263 Datasheet HTML 103Page - STMicroelectronics ST7263 Datasheet HTML 104Page - STMicroelectronics ST7263 Datasheet HTML 105Page - STMicroelectronics ST7263 Datasheet HTML 106Page - STMicroelectronics ST7263 Datasheet HTML 107Page - STMicroelectronics ST7263 Datasheet HTML 108Page - STMicroelectronics ST7263 Datasheet HTML 109Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 106 / 109 page
background image
ST7263
106/109
9 DEVICE CONFIGURATION AND ORDERING INFORMATION
The following section deals with the procedure for
transfer of customer codes to STMicroelectronics.
9.1 DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE
Customer code is made up of the ROM contents.
The ROM contents are to be sent on diskette, or
by electronic means, with the hexadecimal file in
.S19 format generated by the development tool.
All unused bytes must be set to FFh.
The customer code should be communicated to
STMicroelectronics with the correctly completed
OPTION LIST appended.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Figure 48. Sales Type Coding Rules
Table 26. Ordering Information
Note 1. /xxx stands for the ROM code name as-
signed by STMicroelectronics.
Table 27. Development Tools
ST72 T 63 1 K 4 B 1 / xxx
Family
Version Code
Sub family
Subset Index
Number of pins
ROM Size Code
Package Type
Temperature Code
ROM Code (three letters)
0 = 25°C
B = Plastic DIP
4 = 16K K = 32/34 pins No letter = ROM
1 = Standard (0 to +70°C)
D = Ceramic DIP
2 = 8K
E = EPROM
M = Plastic SO
1 = 4K
T = OTP
Subset index : 1 = fully featured; other number = downgraded versions
Sales Type 1)
Program
Memory
(bytes)
RAM
(bytes)
Package
ST72E631K4D0
16K EPROM
512
CSDIP32
ST72631K4M1/xxx
16K ROM
SO34
ST72T631K4M1
16K OTP
ST72631K4B1/xxx
16K ROM
PSDIP32
ST72T631K4B1
16K OTP
ST72632K2M1/xxx
8K ROM
256
SO34
ST72T632K2M1
8K OTP
ST72632K2B1/xxx
8K ROM
PSDIP32
ST72T632K2B1
8K OTP
ST72633K1M1/xxx
4K ROM
256
SO34
ST72T633K1M1
4K OTP
ST72633K1B1/xxx
4K ROM
PSDIP32
ST72T633K1B1
4K OTP
Development Tool
Sales Type
Remarks
Real time emulator
ST7263-EMU2
EPROM
Programming
Board
ST72E63-EPB/EU
ST72E63-EPB/US
220V Power
Supply
110V Power
Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com