Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST730AC Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST730AC
Description  5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST730AC Datasheet(HTML) 3 Page - STMicroelectronics

  ST730AC Datasheet HTML 1Page - STMicroelectronics ST730AC Datasheet HTML 2Page - STMicroelectronics ST730AC Datasheet HTML 3Page - STMicroelectronics ST730AC Datasheet HTML 4Page - STMicroelectronics ST730AC Datasheet HTML 5Page - STMicroelectronics ST730AC Datasheet HTML 6Page - STMicroelectronics ST730AC Datasheet HTML 7Page - STMicroelectronics ST730AC Datasheet HTML 8Page - STMicroelectronics ST730AC Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ST730A
3/9
CONNECTION DIAGRAM (top view)
PIN DESCRIPTION
Pin N°
Symbol
Name and Function
1
SHDN
Shutdown control (active low): If connected to GND the IC is in shutdown.
Connect to VCC for normal operation (ON MODE)
2
REF
Reference Output Voltage: (1.25V): Bypass to GND with a capacitor that does not
exceed 47nF
3
SS
Soft Start: a capacitor between SS and GND provides soft-start and short-circuit
protections.
4
CC
Compensation Capacitor Input: externally compensates the outer (voltage)
feedback loop. Connect to OUT with 330pF capacitor
5
OUT
Output Voltage Sense Input: provides regulation of feedback sensing. Connect to
5V output.
6
GND
Ground
7
LX
Switch Output. Drain of internal P-Channel Power MOSFET
8VCC
Supply Voltage Input. Bypass to GND with 1
µF ceramic capacitance and large
value electrolytic capacitor in parallel. The 1
µF capacitor must be as close as
possible to the GND and VCC pins



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com