Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST730AC Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST730AC
Description  5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST730AC Datasheet(HTML) 1 Page - STMicroelectronics

  ST730AC Datasheet HTML 1Page - STMicroelectronics ST730AC Datasheet HTML 2Page - STMicroelectronics ST730AC Datasheet HTML 3Page - STMicroelectronics ST730AC Datasheet HTML 4Page - STMicroelectronics ST730AC Datasheet HTML 5Page - STMicroelectronics ST730AC Datasheet HTML 6Page - STMicroelectronics ST730AC Datasheet HTML 7Page - STMicroelectronics ST730AC Datasheet HTML 8Page - STMicroelectronics ST730AC Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
January 2003
s
UP TO 450mA LOAD CURRENTS
s
200kHz HIGH-FREQUENCY
CURRENT-MODE PWM
s
85% TO 96% EFFICIENCIES
s
33
µHOR100µH PRE-SELECTED
INDUCTOR VALUE, NO COMPONENT
DESIGN REQUIRED
s
0.8mA QUIESCENT CURRENT
s
0.3µA SHUTDOWN SUPPLY CURRENT
s
ADJUSTABLE OUTPUT VOLTAGE
s
OVERCURRENT, SOFT-START AND
UNDERVOLTAGE LOCKOUT PROTECTION
s
CYCLE-BY-CYCLE CURRENT LIMITING
s
PACKAGE AVAILABLE: DIP-8 AND SO-8
DESCRIPTION
The ST730A is a 5V output CMOS, step-down
switching regulator. The ST730A accepts inputs
between 5.2V and 11V and delivers 450mA.
Typical efficiencies are 85% to 96%.
Quiescent supply current is 0.8mA and only 0.3
µA
in shutdown mode. The output does not exhibit
frequency over this specified range. Pulse-width
modulation (PWM) current-mode control provides
precise output regulation and excellent transient
responses.
Output
voltage
accuracy
is
guaranteed to be ±5% over line, load, and
temperature varations.
Fixed-frequency
switching
and
absence
of
subharmonic ruipple allows easy filtering of output
ripple and noise, as well as the use of small
external components. This regulators require only
a
single
inductor
value
to
work
in
most
applications, so no inductor design is necessary.
Typical applications are: Cellular phones & radios,
portable Instruments, Portable Communications
Equipments and Computer Peripherals.
ST730A
5V STEP-DOWN,
CURRENT-MODE PWM DC-DC CONVERTERS
SCHEMATIC DIAGRAM
DIP-8
SO-8


Similar Part No. - ST730AC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730 IRF-ST730 Datasheet
205Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
logo
StarTech.com Ltd.
ST73007UA STARTECH-ST73007UA Datasheet
59Kb / 4P
7-Port Compact USB 3.0 Hub with Built-in Cable
logo
International Rectifier
ST730C IRF-ST730C Datasheet
205Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST730C..L VISHAY-ST730C..L Datasheet
167Kb / 8P
Phase Control Thyristors (Hockey PUK Version), 990 A
11-Aug-08
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
PHASE CONTROL THYRISTORS
More results

Similar Description - ST730AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST750A STMICROELECTRONICS-ST750A Datasheet
240Kb / 9P
ADJUSTABLE STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
Nov-2000
logo
Maxim Integrated Produc...
MAX730A MAXIM-MAX730A Datasheet
229Kb / 16P
5V, Step-Down, Current-Mode PWM DC-DC Converters
19-0165; Rev 2; 1/96
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
Adjustable step-down, current-mode PWM DC-DC converters
29-May-2007
ST763A STMICROELECTRONICS-ST763A_07 Datasheet
261Kb / 14P
3.3V Step down current mode PWM DC-DC converters
29-May-2007
logo
Maxim Integrated Produc...
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
logo
Asahi Kasei Microsystem...
AL2010 AKM-AL2010 Datasheet
777Kb / 13P
Current-Mode PWM Step-Down DC-DC Convertor
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
Current-Mode PWM Step-Down DC-DC Converter
logo
Asahi Kasei Microsystem...
AP2403 AKM-AP2403 Datasheet
830Kb / 20P
Current-Mode PWM Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com