Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST730AC Datasheet (PDF) - STMicroelectronics

ST730AC Datasheet PDF - STMicroelectronics
Part # ST730AC
Download  ST730AC Download
File Size   260.21 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS

ST730AC Datasheet (PDF)

Go To PDF Page Download Datasheet
ST730AC Datasheet PDF - STMicroelectronics

Part # ST730AC
Download  ST730AC Click to download

File Size   260.21 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS

ST730AC Datasheet (HTML) - STMicroelectronics


ST730AC Product details

DESCRIPTION
The ST730A is a 5V output CMOS, step-down switching regulator. The ST730A accepts inputs between 5.2V and 11V and delivers 450mA. Typical efficiencies are 85% to 96%.
Quiescent supply current is 0.8mA and only 0.3µA in shutdown mode. The output does not exhibit frequency over this specified range. Pulse-width modulation (PWM) current-mode control provides precise output regulation and excellent transient responses. Output voltage accuracy is guaranteed to be ±5% over line, load, and temperature varations.

■ UP TO 450mA LOAD CURRENTS
■ 200kHz HIGH-FREQUENCY CURRENT-MODE PWM
■ 85% TO 96% EFFICIENCIES
■ 33µH OR 100µH PRE-SELECTED INDUCTOR VALUE, NO COMPONENT DESIGN REQUIRED
■ 0.8mA QUIESCENT CURRENT
■ 0.3µA SHUTDOWN SUPPLY CURRENT
■ ADJUSTABLE OUTPUT VOLTAGE
■ OVERCURRENT, SOFT-START AND UNDERVOLTAGE LOCKOUT PROTECTION
■ CYCLE-BY-CYCLE CURRENT LIMITING
■ PACKAGE AVAILABLE: DIP-8 AND SO-8




Similar Part No. - ST730AC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730 IRF-ST730 Datasheet
205Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
logo
StarTech.com Ltd.
ST73007UA STARTECH-ST73007UA Datasheet
59Kb / 4P
7-Port Compact USB 3.0 Hub with Built-in Cable
logo
International Rectifier
ST730C IRF-ST730C Datasheet
205Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST730C..L VISHAY-ST730C..L Datasheet
167Kb / 8P
Phase Control Thyristors (Hockey PUK Version), 990 A
11-Aug-08
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
PHASE CONTROL THYRISTORS
More results


Similar Description - ST730AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST750A STMICROELECTRONICS-ST750A Datasheet
240Kb / 9P
ADJUSTABLE STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
Nov-2000
logo
Maxim Integrated Produc...
MAX730A MAXIM-MAX730A Datasheet
229Kb / 16P
5V, Step-Down, Current-Mode PWM DC-DC Converters
19-0165; Rev 2; 1/96
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
Adjustable step-down, current-mode PWM DC-DC converters
29-May-2007
ST763A STMICROELECTRONICS-ST763A_07 Datasheet
261Kb / 14P
3.3V Step down current mode PWM DC-DC converters
29-May-2007
logo
Maxim Integrated Produc...
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
logo
Asahi Kasei Microsystem...
AL2010 AKM-AL2010 Datasheet
777Kb / 13P
Current-Mode PWM Step-Down DC-DC Convertor
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
Current-Mode PWM Step-Down DC-DC Converter
logo
Asahi Kasei Microsystem...
AP2403 AKM-AP2403 Datasheet
830Kb / 20P
Current-Mode PWM Step-Down DC-DC Converter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com