Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7538P Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST7538P
Description  POWER LINE FSK TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538P Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST7538P Datasheet HTML 6Page - STMicroelectronics ST7538P Datasheet HTML 7Page - STMicroelectronics ST7538P Datasheet HTML 8Page - STMicroelectronics ST7538P Datasheet HTML 9Page - STMicroelectronics ST7538P Datasheet HTML 10Page - STMicroelectronics ST7538P Datasheet HTML 11Page - STMicroelectronics ST7538P Datasheet HTML 12Page - STMicroelectronics ST7538P Datasheet HTML 13Page - STMicroelectronics ST7538P Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ST7538
10/30
Mark and Space Frequencies
Mark and Space Communication Frequencies are defined by the following formula:
F ("0") = FCarrier + [
∆F]/2
F ("1") = FCarrier - [
∆F]/2
∆F is the Frequency Deviation.
With Deviation = “0.5” the difference in terms of frequency between the mark and space tones is half the
Baudrate value (
∆F=0.5*BAudrate). When the Deviation = “1” the difference is the Baudrate itself (∆F=
Baudrate). The minimal Frequency Deviation is 600Hz.
Table 3.
Carrier
Frequency
(KHz)
Baud
Rate
Deviation
Exact Frequency [Hz]
(Clock=16MHz)
Carrier
Frequency
(KHz)
Baud
Rate
Deviation
Exact Frequency [Hz]
(Clock=16MHz)
“1”“0”
“1”“0”
60
600
--
82.05
600
--
1
59733
60221
1
81706
82357
1200
0.5
59733
60221
1200
0.5
81706
82357
1
59408
60547
1
81380
82682
2400
0.5
59408
60547
2400
0.5
81380
82682
1
58757
61198
1
80892
83171
4800
0.5
58757
61198
4800
0.5
80892
83171
1
57617
62337
1
79590
84473
66
600
--
86
600
--
1
65755
66243
1
85775
86263
1200
0.5
65755
66243
1200
0.5
85775
86263
1
65430
66569
1
85449
86589
2400
0.5
65430
66569
2400
0.5
85449
86589
1
64779
67220
1
84798
87240
4800
0.5
64779
67220
4800
0.5
84798
87240
1
63639
68359
1
83659
88379
72
600
--
110
600
--
1
71777
72266
1
109701
110352
1200
0.5
71777
72266
1200
0.5
109701
110352
1
71452
72591
1
109375
110677
2400
0.5
71452
72591
2400
0.5
109375
110677
1
70801
73242
1
108724
111165
4800
0.5
70801
73242
4800
0.5
108724
111165
1
69661
74382
1
107585
112467
76
600
--
132.5
600
--
1
75684
76335
1
132161
132813
1200
0.5
75684
76335
1200
0.5
132161
132813
1
75358
76660
1
131836
133138
2400
0.5
75358
76660
2400
0.5
131836
133138
1
74870
77148
1
131348
133626
4800
0.5
74870
77148
4800
0.5
131348
133626
1
73568
78451
1
130046
134928



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com