Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7538P Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST7538P
Description  POWER LINE FSK TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538P Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST7538P Datasheet HTML 22Page - STMicroelectronics ST7538P Datasheet HTML 23Page - STMicroelectronics ST7538P Datasheet HTML 24Page - STMicroelectronics ST7538P Datasheet HTML 25Page - STMicroelectronics ST7538P Datasheet HTML 26Page - STMicroelectronics ST7538P Datasheet HTML 27Page - STMicroelectronics ST7538P Datasheet HTML 28Page - STMicroelectronics ST7538P Datasheet HTML 29Page - STMicroelectronics ST7538P Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
ST7538
26/30
Figure 20. Power Good Function
Power-Up Procedure
To ensure ST7538 proper power-Up sequence, PAVcc, AVss and DVss Supply has to fulfil the following
rules:
PAVcc rising slope must not exceed 10V/ms.
When DVdd and AVdd are below 5V: 100mV < PAVcc-AVdd , PAVcc-DVdd < 1.2V.
When AVdd and DVdd supply are connected to VDC the above mentioned relation is guarantied if VDC
load < 100mA and if the filtering capacitor on VDC < 100uF.
Figure 21. Power-UP Sequence
PACKAGE INFORMATION
Best thermal performance is acheived when slug is soldered to PCB.
It is recomended to have five solder dots (See fig. 22) without resist to connect the Copper slug to the
ground layer on the soldering side. Moreover it is recomeded to connect the ground layer on the soldering
side to another ground layer on the opposite side with 15 to 20 vias.
It is suggested to not use the PCB surface below the slug area to interconnect any pin except groung pins.
PG OK
250mV
Time
Time
VDC
4.5V
PG
D03IN1411
Voltage
Time
5V
PAVcc-AVdd
PAVcc-DVdd
PAVcc
DVdd, AVdd
D03IN1424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com