Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7538P Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST7538P
Description  POWER LINE FSK TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538P Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST7538P Datasheet HTML 15Page - STMicroelectronics ST7538P Datasheet HTML 16Page - STMicroelectronics ST7538P Datasheet HTML 17Page - STMicroelectronics ST7538P Datasheet HTML 18Page - STMicroelectronics ST7538P Datasheet HTML 19Page - STMicroelectronics ST7538P Datasheet HTML 20Page - STMicroelectronics ST7538P Datasheet HTML 21Page - STMicroelectronics ST7538P Datasheet HTML 22Page - STMicroelectronics ST7538P Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
19/30
ST7538
Table 5. Vout vs. R1 & R2 resistors value
Notes: The rate of R2 takes in account the input resistance on the SENSE pin (36 K
Ω).
5.6nF capacitor effect has been neglected.
Figure 14. Typical Output Current vs. Rcl
s
Integrated Power Line Interface (PLI)
The Power Line Interface (PLI) is a double CMOS AB Class Power Amplifier with the two outputs
(ATOP1 and ATOP2) in opposition of phase.
Two are the possible configuration:
- Single Ended Output (ATOP1).
- Bridge Connection
The Bridge connection guarantee a Differential Output Voltage to the load with twice the swing of each
individual Output. This topology virtually eliminates the even harmonics generation.
The PLI requires, to ensure a proper operation, a regulated and well filtered Supply Voltage. PAVcc
Voltage must fulfil the following formula to work without clipping phenomena:
To allow the driving of an external Power Line Interface, the output of the ALC is available even on ATO
pin. ATO output has a current capability much lower than ATOP1 and ATOP2.
Vout (Vrms)
Vout (dB
µV)
(R1+R2)/R2
R2 (K
Ω)
R1 (K
Ω)
0.150
103.5
1.1
7.5
1.0
0.250
108.0
1.9
5.1
3.9
0.350
110.9
2.7
3.6
5.6
0.500
114.0
3.7
3.3
8.2
0.625
115.9
4.7
3.3
11.0
0.750
117.5
5.8
2.7
12.0
0.875
118.8
6.6
2.0
11.0
1.000
120.0
7.6
1.6
10.0
1.250
121.9
9.5
1.6
13.0
1.500
123.5
10.8
1.6
15.0
100
125
150
175
200
225
250
275
300
325
Irms
(mA)
2
2.5
3
3.5
Rcl(K
Ω)
D01IN1311
4
4.5
5
PAVcc
VATOP AC
()
2
------------------------------------
7.5V
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com