Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7554 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST7554
Description  V.90 USB WORLD MODEM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7554 Datasheet(HTML) 3 Page - STMicroelectronics

  ST7554 Datasheet HTML 1Page - STMicroelectronics ST7554 Datasheet HTML 2Page - STMicroelectronics ST7554 Datasheet HTML 3Page - STMicroelectronics ST7554 Datasheet HTML 4Page - STMicroelectronics ST7554 Datasheet HTML 5Page - STMicroelectronics ST7554 Datasheet HTML 6Page - STMicroelectronics ST7554 Datasheet HTML 7Page - STMicroelectronics ST7554 Datasheet HTML 8Page - STMicroelectronics ST7554 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PIN LIST
Name
Pin
Type
Description
XTALIN
9
I
Crystal Input
XTALOUT
10
O
Crystal Output
RESET
12
I
Reset Function to initialise the device (active low)
VBUS
5
I
Positive Voltage Regulator Input, connected to USB VBUS
GNDBUS
3
I
Regulator Ground, connected to USB Ground (0V) (see Note 1)
VREGA
6
I/O
Positive Regulated Analog Input/Output Power Supply
VREGD
4
I/O
Positive Regulated Digital Input/Output Power Supply
PSM
8
I
Power Supply Mode (Bus-powered or Self-powered)
D+
2
I/O
Positive Data Signal of Differential Data Bus conforming to USB Standard
Specification 1.0
D-
1
I/O
Negative Data Signal of Differential Data Bus conforming to USB Standard
Specification 1.0
TRxD
35
I/O
Transmit/Receive Data Led
DC
36
I/O
DC mask
BUZEN
37
I/O
Buzzer Amplifier Enable/Mute
PULSE
38
I/O
Pulse dialing
DISHS
39
I/O
Disconnect external phone
RFC
40
I/O
Refresh
LED
41
I/O
LED control
CD
42
I/O
Carrier Detect Led
CLID
43
I/O
Caller ID
HO
45
I/O
Hook Control
HSDT
46
I/O
Current sense
RI
48
I/O
Ring Indicator
HC1
27
O
Modem Codec Hardware Control mode selection
PDOWN
26
O
SSI Powerdown bit output (active low)
MCLK
29
O
SSI Master Clock Output
DAASEL
34
I
Select Silicon or Discrete DAA Configuration Mode
FS
28
I
SSI Frame Synchronisation Input
DOUT
31
O
SSI Serial Data Output
DIN
30
I
SSI Serial Data Input
FLTPLL
11
OA
PLL filter analog output. Must be connected to analog ground AGND with
33pF capacitor
DGND
32
I
Digital Ground (0V) (see Note 1)
AGND
7
I
Analog Ground (0V) (see Note 1)
RESERVED
13 to 25-33-44
-
Not connected
RESERVED
47
-
Connect to digital ground DGND
Note 1 : Analog and digital ground pins must be tied together to USB ground GNDBUS.
ST7554
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com