Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7554 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST7554
Description  V.90 USB WORLD MODEM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7554 Datasheet(HTML) 4 Page - STMicroelectronics

  ST7554 Datasheet HTML 1Page - STMicroelectronics ST7554 Datasheet HTML 2Page - STMicroelectronics ST7554 Datasheet HTML 3Page - STMicroelectronics ST7554 Datasheet HTML 4Page - STMicroelectronics ST7554 Datasheet HTML 5Page - STMicroelectronics ST7554 Datasheet HTML 6Page - STMicroelectronics ST7554 Datasheet HTML 7Page - STMicroelectronics ST7554 Datasheet HTML 8Page - STMicroelectronics ST7554 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PIN DESCRIPTION
1 - Power Supply (7 pins)
1.1 - Regulator Input Power Supply (VBUS)
This pin must be connected to USB VBUS (+5V).
It supplies the integrated analog USB transceiver.
It is also the positive regulator power supply input
(5V) when ST7554 is in bus-powered mode
(PSM = 1) and it is used to internally generate the
3.3V supply for the digital and analog circuitry.
1.2 - Regulated Analog VDD Supply (VREGA)
This pin is the analog power supply input (PSM = 0)
or analog 3.3V power supply output (PSM = 1).
This pin is the positive analog power supply for the
external Codec and DAA.
It is recommended to add a 1
µF capacitor between
VREGA and GNDA as close as possible to the
IC pins.
1.3 - Regulated VDD Supply (VREGD)
This pin is the digital power supply input (PSM = 0)
or digital 3.3V power supply output (PSM = 1).
This pin is the positive digital power supply for the
external Codec and DAA.
It is recommended to add a 1
µF capacitor between
VREGA and GNDA as close as possible to the
IC pins.
1.4 - Power Supply Mode (PSM)
This pin controls the VREGD and VREGA power
supply mode.
When PSM = 1, the application is bus-powered.
The 3.3V power supply is generated internally from
VBUS. In this case VREGD and VREGA are out-
puts which can be used to supply 3.3V to external
devices (see Figure 1).
When PSM = 0, the application is self-powered.
VBUS must be still connected to the VBUS Pin of
the USB connector in order to supply the integrated
USB transceiver. Anyway in this case VREGD and
VREGA must be fed by a 3.3V externally regulated
digital and analog power supplies (see Figure 2).
1.5 - Ground (DGND, AGND and GNDBUS)
DGND, AGND and GNDBUS are the digital, analog
and USB ground return pins respectively.
They should be connected together outside the
chip to the GND pin of the USB plug.
8 PSM
5 VBUS
3 GNDBUS
4 VREGD
32 DGND
6 VREGA
7 AGND
ST7554
from USB
to other
digital ICs
to other
analog ICs
Figure 1 :
ST7554 in Bus-Powered mode
(PSM = 1)
8 PSM
5 VBUS
3 GNDBUS
4 VREGD
32 DGND
6 VREGA
7 AGND
ST7554
from USB
from 3.3V
externally
regulated
supplies
Figure 2 :
ST7554 in Self Powered mode
(PSM = 0)
2 - USB Interface (D+ , D-)
These pins are the positive and negative USB
differential data lines. They shall be both connected
to the USB plug or USB protection circuit via 27
series resistors for line impedance matching.
ST7554
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com