Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7554 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7554
Description  V.90 USB WORLD MODEM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7554 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7554 Datasheet HTML 1Page - STMicroelectronics ST7554 Datasheet HTML 2Page - STMicroelectronics ST7554 Datasheet HTML 3Page - STMicroelectronics ST7554 Datasheet HTML 4Page - STMicroelectronics ST7554 Datasheet HTML 5Page - STMicroelectronics ST7554 Datasheet HTML 6Page - STMicroelectronics ST7554 Datasheet HTML 7Page - STMicroelectronics ST7554 Datasheet HTML 8Page - STMicroelectronics ST7554 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ST7554
V.90 USB WORLD MODEM CONTROLLER
January 1999
SUMMARY DATA
TQFP48 (7 x 7 x 1.40mm)
(Full Plastic Quad Flat Pack)
ORDER CODE : ST7554TQF7
GENERAL
.
USB HOT PLUG & PLAY INTERFACE
.
DIRECT INTERFACE TO ST MAFE+DAA
CHIP-SET ST75951/ST952 FOR WORLD-
WIDE DAA DESIGN OR TO STLC7550 FOR
TRADITIONAL DAA DESIGN
.
WINDOWS
® 98 AND NT 5.0 SUPPORT
.
TAPI 2.0 COMPLIANT
.
SOFTWARE UPGRADABLE
.
MINIMUM SYSTEM REQUIREMENTS:
.
USB MOTHERBOARD, 166MHz PENTIUM
®
PROCESSOR WITH MMX
™ TECHNOLOGY,
WINDOWS
® 98 AND 16MBYTES RAM OR
WINDOWS
® NT 5.0 AND 32MBYTES RAM
DEVICE FEATURES
.
SINGLE 9.216MHz CRYSTAL OSCILLATOR
.
INTEGRATED ANALOG AND DIGITAL 3.3V
REGULATORS
.
DEDICATED PINS FOR RING, OFF-HOOK,
CLID, LOOP CURRENT SENSE
.
0.5
µm CMOS PROCESS
.
TQFP48 (7 x 7 mm) PACKAGE
DATA MODEM / FAX / VOICE
.
V.90
.
V.34BIS, V.34, V.32BIS, V.32, V.22BIS, V.22,
V.23, V.21
.
BELL 103 AND BELL 212A
.
V.17, V.27TER, V.29, FAX CLASS 1 SUPPORT
.
V.42, V.42BIS, MNP 2, 3, 4, 5
.
V.80
.
V.8 AND AUTO MODE
.
VOICE / FAX / MODEM DISTINCTION
.
ADPCM
VOICE
COMPRESSION/DECOM-
PRESSION
.
VOICE DETECTION (SILENCE DETECTION)
OTHER FEATURES
.
VIRTUAL UART (460.8Kbps)
.
AT HAYES COMMAND COMPATIBLE
.
TIME INDEPENDENT ESCAPE SEQUENCE
(TIES) COMMAND
.
CALLER ID
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
.
DTMF DETECTION AND GENERATION
.
WAKE UP ON RING
.
WORLD-WIDE PROGRAMMABLE SILICON
DAA
SUPPORT
FOR
ST75951/ST952
MAFE+DAA CHIP-SET
UNIVERSAL SERIAL BUS
.
SPECIFICATION 1.0, 12MBps FULL SPEED
.
ON-CHIP USB TRANSCEIVER WITH DIGITAL PLL
.
COMMUNICATION
DEVICE
CLASS
AND
VENDOR REQUESTS
.
BUS OR SELF POWERED APPLICATION
(PIN-PROGRAMMABLE)
.
ONNOW POWER MANAGEMENT (D0, D2, D3)
.
LOW POWER CONSUMPTION (SUSPEND
MODE D2), WHOLE APPLICATION BELOW
500
µA
DESCRIPTION
The ST7554 is a single chip host signal processing
Modem/fax/voice controller that supports data rates
up to 56Kbps. All data pump and protocol functions
are executed on the host PC’s processor. This
product has been developed in cooperation with
Smart Link Ltd, who ported "USB-Modio", its host
based Modem and system software into ST system
and hardware platform. The ST7554 directly con-
nects to ST high performance Modem analog front-
end (MAFE) STLC7550 or to the highly integrated
MAFE+DAA chip-set ST75951/ST952. The ST7554
also features an Universal Serial Bus (USB) inter-
face for direct connection to the host PC for maxi-
mum flexibility and real plug & play operation.
1/11


Similar Part No. - ST7554

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST755 STMICROELECTRONICS-ST755 Datasheet
80Kb / 9P
ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
Sep-1998
logo
Sitronix Technology Co....
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
65 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
65 x 102 Dot Matrix LCD Controller/Driver
logo
STMicroelectronics
ST755C STMICROELECTRONICS-ST755C Datasheet
311Kb / 16P
Adjustable inverting negative output current mode PWM regulators
06-Jul-2007
ST755CD STMICROELECTRONICS-ST755CD Datasheet
80Kb / 9P
ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
Sep-1998
More results

Similar Description - ST7554

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C54V90 TI-TMS320C54V90 Datasheet
1Mb / 87P
EMBEDDED V.90 MODEM DSP
logo
Advanced Micro Devices
AM7911 AMD-AM7911 Datasheet
1Mb / 40P
WORLD-CHIP FSK Modem
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
logo
Filtran LTD
6647 FILTRAN-6647 Datasheet
87Kb / 1P
V.90 Modem Transformer
6648 FILTRAN-6648 Datasheet
109Kb / 1P
V.90 Modem Transformer
7197 FILTRAN-7197 Datasheet
183Kb / 1P
V.90 Modem transformer
7250 FILTRAN-7250 Datasheet
118Kb / 1P
V.90 Modem Transformer
7352 FILTRAN-7352 Datasheet
183Kb / 1P
V.90 Modem Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com