Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C185 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST75C185
Description  LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C185 Datasheet(HTML) 1 Page - STMicroelectronics

  ST75C185 Datasheet HTML 1Page - STMicroelectronics ST75C185 Datasheet HTML 2Page - STMicroelectronics ST75C185 Datasheet HTML 3Page - STMicroelectronics ST75C185 Datasheet HTML 4Page - STMicroelectronics ST75C185 Datasheet HTML 5Page - STMicroelectronics ST75C185 Datasheet HTML 6Page - STMicroelectronics ST75C185 Datasheet HTML 7Page - STMicroelectronics ST75C185 Datasheet HTML 8Page - STMicroelectronics ST75C185 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ST75C185
LOW POWER
MULTIPLE RS-232 DRIVERS AND RECEIVERS
TARGET DATA
®
June 2000
s
MEETS STANDARD EIA-232-E
s
SINGLE CHIP WITH INTERFACE BETWEEN
UART AND SERIAL PORT CONNECTOR
s
LESS THAN 20mW QUIESCENT POWER
CONSUMPTION
s
WIDE DRIVER SUPPLY VOLTAGE: 7 TO 13.2V
s
DRIVER OUTPUT SLEW RATE LIMITED TO
30V/
µsMAX
s
RECEIVER INPUT HYSTERESIS: 1.1 TYP
s
PUSH-PULL RECEIVER OUTPUTS
s
ON CHIP RECEIVER 1
µsNOISE FILTER
s
FUNCTIONALLY INTERCHANGEABLE WITH
STM ST75185
s
ESD PROTECTION:
±10KVHUMAN BODY
MODEL
DESCRIPTION
The ST75C185 is low power BICMOS device
containing three independent drivers and five
receivers that is used to interface data terminal
equipment (DTE) with data circuit-terminating
equipment
(DCE).
This
device
has
been
designed
to
conform
to
Standards
ANSI/EIA-232-E. The drivers have a controlled
output slew rate that is limited to a maximum of
30V/
µs and the receivers have filters that reject
input noise pulses that are shorter than 1
µs. Both
these features eliminate the need of external
components.
The ST75C185 hasn’t a power sequence fault
condition. It has been designed using low-power
techniques in a BICMOS tecnology.
In most application the receivers contained in this
device will interface to single inputs peripheral
devices
such
as
ACEs,
UARTs
or
microprocessors.
By
using
sampling,
such
peripheral devices are usuallly insensitive to the
transition times of the input signals. If this is not
the case, or for other uses, it is recommended
that the ST75C185 receiver outputs be buffered
by single gates of the HCMOS, ALS or 74F logic
families.
PIN CONNECTION IEC LOGIC SYMBOL AND LOGIC DIAGRAM
(Micro Package)
(Plastic Package)
(TSSOP Package)
1/13


Similar Part No. - ST75C185

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
LOW POWER RS-485/RS-422 TRANSCEIVER
Jun-2003
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
Low power RS-485/RS-422 transceiver
07-Nov-2007
ST75C176BD STMICROELECTRONICS-ST75C176BD Datasheet
301Kb / 13P
LOW POWER RS-485/RS-422 TRANSCEIVER
Jun-2003
ST75C176BDR STMICROELECTRONICS-ST75C176BDR Datasheet
301Kb / 13P
LOW POWER RS-485/RS-422 TRANSCEIVER
Jun-2003
ST75C176BN STMICROELECTRONICS-ST75C176BN Datasheet
301Kb / 13P
LOW POWER RS-485/RS-422 TRANSCEIVER
Jun-2003
More results

Similar Description - ST75C185

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP196 TI-SN75LP196 Datasheet
104Kb / 8P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
Multiple RS-232 drivers and receivers
01-Jun-2006
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185_06 Datasheet
316Kb / 13P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP185A TI1-SN75LP185A Datasheet
173Kb / 10P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com