Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C185 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST75C185
Description  LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C185 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST75C185 Datasheet HTML 2Page - STMicroelectronics ST75C185 Datasheet HTML 3Page - STMicroelectronics ST75C185 Datasheet HTML 4Page - STMicroelectronics ST75C185 Datasheet HTML 5Page - STMicroelectronics ST75C185 Datasheet HTML 6Page - STMicroelectronics ST75C185 Datasheet HTML 7Page - STMicroelectronics ST75C185 Datasheet HTML 8Page - STMicroelectronics ST75C185 Datasheet HTML 9Page - STMicroelectronics ST75C185 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
APPLICATION CIRCUITS
To CPU BUS
RI
5
1
2
3
4
9
6
7
8
GND
DCD
DSR
RXD
RTS
TXD
CTS
DTR
Rin1
Rin5
Rin4
Rin3
Rin2
Dout3
Dout2
Dout1
Rout1
Rout5
Rout4
Rout3
Rout2
Din1
Din3
Din2
1
Vss
GND
2
Vcc
Vdd
ST75C185
20
19
9
7
6
5
4
3
14
13
8
10
18
11
12
17
16
15
Vcc
+5 V
Vdd
+12 V
Vss
-12V
DB9S EIA232-E
Serial Port
Connector
RS232 LEVEL
TTL LEVEL
PC Serial Port
100nF
100nF
100nF
CL
CL
CL
UART
(16550)
DCD 38
DSR 37
DTR 33
TXD 11
RXD 21
CTS 36
RTS 32
RI
39
FIGURE 1: Driver Test Circuit for VOH,VOL,
ISO(H) and ISO(L)
FIGURE 2: Driver Test Circuit for IIH and IIL
ST75C185
6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com