Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C185 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST75C185
Description  LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C185 Datasheet(HTML) 5 Page - STMicroelectronics

  ST75C185 Datasheet HTML 1Page - STMicroelectronics ST75C185 Datasheet HTML 2Page - STMicroelectronics ST75C185 Datasheet HTML 3Page - STMicroelectronics ST75C185 Datasheet HTML 4Page - STMicroelectronics ST75C185 Datasheet HTML 5Page - STMicroelectronics ST75C185 Datasheet HTML 6Page - STMicroelectronics ST75C185 Datasheet HTML 7Page - STMicroelectronics ST75C185 Datasheet HTML 8Page - STMicroelectronics ST75C185 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
RECEIVER ELECTRICAL CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE
(VDD = 12V, VSS = -12V, VCC =5V
±10%, unless otherwise specified)
Symb ol
Parameter
T est Cond it ion s
Value
Un it
Min.
Typ.
Max.
VT+
Positive Going Threshold
Voltage
(See Figure 6)
1.6
2.1
2.55
V
VT-
Negative Going Threshold
Voltage
(See Figure 6)
0.65
1
1.25
V
Vhys
Input Hysteresis (VT+ -VT-)
(Note 6)
0.6
1.1
V
VOH
High Level Output Voltage
(Note 7)
IOH = 0.75mA or Input Open
IOH = -1mA (See Figure 6)
3.5
4.8
V
VOL
Low Level Output Voltage
VI =3 V
IOL =3.2 mA
(See Figure 6)
0.2
0.4
V
IIH
High Level Input Current
VI = 25 V
(See Figure 6)
3.6
4.5
8.3
mA
VI = 3 V
(See Figure 6)
0.43
0.55
1
IIL
Low Level Input Current
VI = -25 V
(See Figure 6)
-3.6
-4.4
-8.3
mA
VI = -3 V
(See Figure 6)
-0.4
-0.55
-1
IOS(H)
Short-Circuit Output Current
at High Level
VI =0.75 V VO =0 V
(See Figure 5)
-13
-30
mA
IOS(L)
Short-Circuit Output Current
at Low Level
VI =VCC
VO =VCC
(See Figure 5)
35
60
mA
Alltypical values are at TA =25
oC,
NOTE 6: Hysteresis is thedifference between the positive going input threshold voltage, VT+, and the negative going input threshold voltage VT-.
NOTE 7: Ifthe inputs are letf unconnected, the receiver interprets this as an input low, and the receiver outputs will remain in the high state.
RECEIVER SWITCHING CHARACTERISTICS
(VDD = 12V, VSS = -12V, VCC =5V
±10% TA =25 oC)
Symbo l
Parameter
T est Co ndi tio ns
Value
Uni t
Min.
Typ .
Max.
tPLH
Propagation Delay Time, Low
to High Level Output
RL =5 K
Ω CL =50 pF
(See Figure 6)
3.2
4
µs
tPHL
Propagation Delay Time High
to Low Level Output
RL =5 K
Ω CL =50 pF
(See Figure 6)
2.6
4
µs
tTLH
Transition Time Low to High
Level Output
RL =5 K
Ω CL =50 pF
(See Figure 6)
30
100
ns
tTHL
Transition Time High to Low
Level Output
RL =5 K
Ω CL =50 pF
(See Figure 6)
10
50
ns
tW(N)
Pulse Duration of longest
pulse rejection as noise
(Note8)
RL =5 K
Ω CL =50 pF
(See Figure 6)
1
2.3
4
µs
NOTE 8: The receiver ignores any positive or negative going pulse that is less than the minimumvalue oftW(N) and accepts anypositive or negative going
pulse greater than the maximum of tW(N).
ST75C185
5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com