Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90135 Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 99Page - STMicroelectronics ST90135 Datasheet HTML 100Page - STMicroelectronics ST90135 Datasheet HTML 101Page - STMicroelectronics ST90135 Datasheet HTML 102Page - STMicroelectronics ST90135 Datasheet HTML 103Page - STMicroelectronics ST90135 Datasheet HTML 104Page - STMicroelectronics ST90135 Datasheet HTML 105Page - STMicroelectronics ST90135 Datasheet HTML 106Page - STMicroelectronics ST90135 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 190 page
background image
103/190
ST90158 - MULTIFUNCTION TIMER (MFT)
9.2 MULTIFUNCTION TIMER (MFT)
9.2.1 Introduction
The Multifunction Timer (MFT) peripheral offers
powerful timing capabilities and features 12 oper-
ating modes, including automatic PWM generation
and frequency measurement.
The MFT comprises a 16-bit Up/Down counter
driven by an 8-bit programmable prescaler. The in-
put clock may be INTCLK/3 or an external source.
The timer features two 16-bit Comparison Regis-
ters, and two 16-bit Capture/Load/Reload Regis-
ters. Two input pins and two alternate function out-
put pins are available.
Several functional configurations are possible, for
instance:
– 2 input captures on separate external lines, and
2 independent output compare functions with the
counter in free-running mode, or 1 output com-
pare at a fixed repetition rate.
– 1 input capture, 1 counter reload and 2 inde-
pendent output compares.
– 2 alternate autoreloads and 2 independent out-
put compares.
– 2 alternate captures on the same external line
and 2 independent output compares at a fixed
repetition rate.
When two timers are present in an ST9 device, a
combined operating mode is available.
An internal On-Chip Event signal can be used on
some devices to control other on-chip peripherals.
The two external inputs may be individually pro-
grammed to detect any of the following:
– rising edges
– falling edges
– both rising and falling edges
Figure 58. MFT Simplified Block Diagram
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com