Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90135 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 100Page - STMicroelectronics ST90135 Datasheet HTML 101Page - STMicroelectronics ST90135 Datasheet HTML 102Page - STMicroelectronics ST90135 Datasheet HTML 103Page - STMicroelectronics ST90135 Datasheet HTML 104Page - STMicroelectronics ST90135 Datasheet HTML 105Page - STMicroelectronics ST90135 Datasheet HTML 106Page - STMicroelectronics ST90135 Datasheet HTML 107Page - STMicroelectronics ST90135 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 190 page
background image
104/190
ST90158 - MULTIFUNCTION TIMER (MFT)
MULTIFUNCTION TIMER (Cont’d)
The configuration of each input is programmed in
the Input Control Register.
Each of the two output pins can be driven from any
of three possible sources:
– Compare Register 0 logic
– Compare Register 1 logic
– Overflow/Underflow logic
Each of these three sources can cause one of the
following four actions, independently, on each of
the two outputs:
– Nop, Set, Reset, Toggle
In addition, an additional On-Chip Event signal can
be generated by two of the three sources men-
tioned above, i.e. Over/Underflow event and Com-
pare 0 event. This signal can be used internally to
synchronise another on-chip peripheral. Five
maskable interrupt sources referring to an End Of
Count condition, 2 input captures and 2 output
compares, can generate 3 different interrupt re-
quests (with hardware fixed priority), pointing to 3
interrupt routine vectors.
Two independent DMA channels are available for
rapid data transfer operations. Each DMA request
(associated with a capture on the REG0R register,
or with a compare on the CMP0R register) has pri-
ority over an interrupt request generated by the
same source.
A SWAP mode is also available to allow high
speed continuous transfers (see Interrupt and
DMA chapter).
Figure 59. Detailed Block Diagram
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com