Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90135 Datasheet(PDF) 133 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 129Page - STMicroelectronics ST90135 Datasheet HTML 130Page - STMicroelectronics ST90135 Datasheet HTML 131Page - STMicroelectronics ST90135 Datasheet HTML 132Page - STMicroelectronics ST90135 Datasheet HTML 133Page - STMicroelectronics ST90135 Datasheet HTML 134Page - STMicroelectronics ST90135 Datasheet HTML 135Page - STMicroelectronics ST90135 Datasheet HTML 136Page - STMicroelectronics ST90135 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 190 page
background image
133/190
ST90158 - SERIAL PERIPHERAL INTERFACE (SPI)
SERIAL PERIPHERAL INTERFACE (Cont’d)
Figure 66. SPI I/O Pins
n
9.4.4 Interrupt Structure
The SPI peripheral is associated with external in-
terrupt channel B0 (pin INT2). Multiplexing be-
tween the external pin and the SPI internal source
is controlled by the SPEN and BMS bits, as shown
in Table 25.
The two possible SPI interrupt sources are:
– End of transmission (after each byte).
– S-bus/I
2C-bus start or stop condition.
Care should be taken when toggling the SPEN
and/or BMS bits from the “0,0” condition.
Before
changing the interrupt source from the external pin
to the internal function, the B0 interrupt channel
should be masked. EIMR.2 (External Interrupt
Mask Register, bit 2, IMBO) and EIPR.2 (External
Interrupt Pending Register bit 2, IMP0) should be
“0” before changing the source. This sequence of
events is to avoid the generating and reading of
spurious interrupts.
A delay instruction lasting at least 4 clock cycles
(e.g. 2 NOPs) should be inserted between the
SPEN toggle instruction and the Interrupt Pending
bit reset instruction.
The INT2 input Function is always mapped togeth-
er with the SCK input Function, to allow Start/Stop
bit detection when using S-bus/I2C-bus protocols.
A start condition occurs when SDI goes from “1” to
“0” and SCK is “1”. The Stop condition occurs
when SDI goes from “0” to “1” and SCK is “1”. For
both Stop and Start conditions, SPEN = “0” and
BMS = “1”.
Table 25. Interrupt Configuration
SPI
PORT
LATCH
SDI
SCK
INT2
SDO
SCK
SDO
SDI
INT2
BIT
PORT
LATCH
BIT
PORT
LATCH
BIT
SPEN
BMS
Interrupt Source
0
0
External channel INT2
0
1
S-bus/I2C bus start or stop condition
1
X
End of a byte transmission
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com